Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910A Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6910A
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6910A Datasheet HTML 11Page - STMicroelectronics L6910A Datasheet HTML 12Page - STMicroelectronics L6910A Datasheet HTML 13Page - STMicroelectronics L6910A Datasheet HTML 14Page - STMicroelectronics L6910A Datasheet HTML 15Page - STMicroelectronics L6910A Datasheet HTML 16Page - STMicroelectronics L6910A Datasheet HTML 17Page - STMicroelectronics L6910A Datasheet HTML 18Page - STMicroelectronics L6910A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15/21
L6910A L6910
Efficiency
Figure 13 shows the measured efficiency versus load current at Vin=5V.
In the application three mosfets STS11NF30L (30V, 9m
Ω typ @ Vgs = 10V) are used for high side swith while
two of them are used for the low side..
Figure 13. Demo Board Efficiency @ Vin = 5V & Vout = 3.3V
Table 2. Part List
R2
10k
SMD 0805
R3
4.7k
1%
SMD 0805
R4
220
SMD 0805
R5
10k
SMD 0805
R6
10
SMD 0805
R7
620
SMD 0805
R9
0
SMD 0805
R10
1.74k
1%
SMD 0805
C1,C2, C3
680
µ
OSCON - 6SP680M
Radial 10x10.5mm
C4 to C8
330
µ
POSCAP - 6TPB330M
SMD 7343
C13, C15
100n
Ceramic
SMD 0805
C14, C16
1n
Ceramic
SMD 0805
C18
2.2n
Ceramic
SMD 0805
C19
3.3n
Ceramic
SMD 0805
C20
6.8n
Ceramic
SMD 0805
L1
1.5
µ
T44-52 Core, 7T-18AWG
L2
1.1
µ
T50-52B Core, 6T
U1
L6910
STMicroelectronics
SO16 NARROW
Q1 to Q5
STS11NF30L
STMicroelectronics
SO8
D1
1N4148
STMicroelectronics
SOT23
D2
STPS340U
STMicroelectronics
SMB
F1
251015A-15°
Littlefuse
AXIAL
85
87
89
91
93
95
97
0
5
10
15
20
25
Output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com