Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918AD Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6918AD
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918AD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6918AD Datasheet HTML 11Page - STMicroelectronics L6918AD Datasheet HTML 12Page - STMicroelectronics L6918AD Datasheet HTML 13Page - STMicroelectronics L6918AD Datasheet HTML 14Page - STMicroelectronics L6918AD Datasheet HTML 15Page - STMicroelectronics L6918AD Datasheet HTML 16Page - STMicroelectronics L6918AD Datasheet HTML 17Page - STMicroelectronics L6918AD Datasheet HTML 18Page - STMicroelectronics L6918AD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
15/35
L6918 L6918A
Since the current is read in differential mode, also negative current information is kept; this allow the device to
check for dangerous returning current between the two phases assuring the complete equalization between the
phase's currents.
Figure 5. Current reading timing (left) and circuit (right)
From the current information for each phase, information about the total current delivered ( IFB=IINFO1+IINFO2 )
and the average current for each phase ( IAVG=(IINFO1+IINFO2)/2 ) is taken. IINFOX is then compared to IAVG to
give the correction to the PWM output in order to equalize the current carried by the two phases.
The transconductance resistor Rg can be designed in order to have current information of 25
µA per phase at
full nominal load; the over current intervention threshold is set at 140% of the nominal (IINFOx = 35µA). Accord-
ing to the above relationship, the over current threshold (IOCPx) for each phase, which has to be placed at one
half of the total delivered maximum current, results:
An over current is detected when the current flowing into the sense element is greater than IOCP (IINFOx>35µA):
the device enters in Quasi-Constant-Current operation. The low-side mosfets stays ON until IINFO becomes
lower than 35
µA skipping clock cycles. The high side mosfets can be turned ON with a TON imposed by the
control loop at the next available clock cycle and the device works in the usual way until another OCP event is
detected.
The device limits the bottom of the inductor current triangular waveform. So the average current delivered can
slightly increase also in Over Current condition since the current ripple increases. In fact, the ON time increases
due to the OFF time rise because of the current has to reach the IOCP bottom. The worst-case condition is when
the duty cycle reaches its maximum value (d=50% internally limited). When this happens, the device works in
Constant Current and the output voltage decrease as the load increase. Crossing the UVP threshold causes the
Slave device to pull down the SLAVE_OK line. All mosfets are turned off and all the devices involved in the reg-
ulation stop working. Cycle the power supply to restart operation.
Figure 6 shows the constant current working condition
I
IN F Ox
R
SEN S E
I
P H ASE
⋅
R
g
---------------------------------------------
=
Rg
50
µµA
IISENx
Rg
LGATEX
ISENX
PGNDSX
ILS1
ILS2
Track & Hold
Total
current
information
R
g
I
OC Px
R
SEN SE
⋅
35
µA
------------------------------------------
=
I
OC Px
35
µAR
g
⋅
R
SE N SE
--------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com