Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918AD Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6918AD
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918AD Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6918AD Datasheet HTML 17Page - STMicroelectronics L6918AD Datasheet HTML 18Page - STMicroelectronics L6918AD Datasheet HTML 19Page - STMicroelectronics L6918AD Datasheet HTML 20Page - STMicroelectronics L6918AD Datasheet HTML 21Page - STMicroelectronics L6918AD Datasheet HTML 22Page - STMicroelectronics L6918AD Datasheet HTML 23Page - STMicroelectronics L6918AD Datasheet HTML 24Page - STMicroelectronics L6918AD Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21/35
L6918 L6918A
MAIN CONTROL LOOP
The four phases control loop is composed by two dual phases devices that are independent each other. So, the
compensation network and the control loop stability of each device don't depend on the other except for the fact
that the other converter represents a load for this one.
The L6918/A control loop is composed by the Current Sharing control loop and the Average Current Mode con-
trol loop. Each loop gives, with a proper gain, the correction to the PWM in order to minimize the error in its
regulation: the Current Sharing control loop equalize the currents in the inductors while the Average Current
Mode control loop fixes the output voltage equal to the reference programmed by VID. Figure 12 reports the
block diagram of the main control loop
Figure 12. Main Control Loop Diagram
CURRENT SHARING (CS) CONTROL LOOP
The devices are configured to work in a four synchronized phase application. Since the application is composed
by two-phase devices that share reference and synchronization signals, the current sharing between the phases
is realized in two different steps:
1. Sharing between the phases of the same device;
2. Sharing between devices.
The Current Sharing between phases of the same device uses the internal current information to correct the
PWM signal in order to equalize the current. Active current sharing is implemented using the information from
Tran conductance differential amplifier in an average current mode control scheme. A current reference equal
to the average of the read current (IAVG) is internally built; the error between the read current and this reference
is converted to a voltage with a proper gain and it is used to adjust the duty cycle whose dominant value is set
by the error amplifier at COMP pin (See fig. 13).
The current sharing control is a high bandwidth control allowing current sharing even during load transients.
The current sharing error is affected by the choice of external components; choose precise Rg resistor (±1% is
necessary) to sense the current. The current sharing error is internally dominated by the voltage mismatch of
Tran conductance differential amplifier between phases; considering a voltage mismatch equal to 2mV across
the sense resistor, the current reading error is given by the following equation:
Where
∆IREAD is the difference between one phase current and the ideal current (IMAX/2).
For Rsense=4m
Ω and Imax=40A the current sharing error is equal to 2.5%, neglecting errors due to Rg and
Rsense mismatches.
L1
L2
+
+
PWM1
1/5
+
-
1/5
IINFO2
IINFO1
4/5
ZF(S)
PWM2
CO
FB
COMP
RO
ERROR
AMPLIFIER
REFERENCE
PROGRAMMED
BY VID
CURRENT
SHARING
DUTY CYCLE
CORRECTION
RFB
D02IN1392
∆I
REA D
I
MAX
--------------------
2mV
R
SEN SE
I
MAX
⋅
---------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com