Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918AD Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6918AD
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918AD Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6918AD Datasheet HTML 16Page - STMicroelectronics L6918AD Datasheet HTML 17Page - STMicroelectronics L6918AD Datasheet HTML 18Page - STMicroelectronics L6918AD Datasheet HTML 19Page - STMicroelectronics L6918AD Datasheet HTML 20Page - STMicroelectronics L6918AD Datasheet HTML 21Page - STMicroelectronics L6918AD Datasheet HTML 22Page - STMicroelectronics L6918AD Datasheet HTML 23Page - STMicroelectronics L6918AD Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
L6918 L6918A
20/35
A minimum capacitor value is required to sustain the current during the load transient without discharge it. The
voltage drop due to the output capacitor discharge is given by the following equation:
Where DMAX is the maximum duty cycle value. The lower is the ESR, the lower is the output drop during load
transient and the lower is the output voltage static ripple.
INDUCTOR DESIGN
The inductance value is defined by a compromise between the transient response time, the efficiency, the cost
and the size. The inductor has to be calculated to sustain the output and the input voltage variation to maintain
the ripple current
∆IL between 20% and 30% of the maximum output current. The inductance value can be cal-
culated with this relationship:
Where fSW is the switching frequency, VIN is the input voltage and VOUT is the output voltage.
Increasing the value of the inductance reduces the ripple current but, at the same time, reduces the converter
response time to a load transient. The response time is the time required by the inductor to change its current
from initial to final value. Since the inductor has not finished its charging time, the output current is supplied by
the output capacitors. Minimizing the response time can minimize the output capacitance required.
The response time to a load transient is different for the application or the removal of the load: if during the ap-
plication of the load the inductor is charged by a voltage equal to the difference between the input and the output
voltage, during the removal it is discharged only by the output voltage. The following expressions give approx-
imate response time for DI load transient in case of enough fast compensation network response:
The worst condition depends on the input voltage available and the output voltage selected. Anyway the worst
case is the response time after removal of the load with the minimum output voltage programmed and the max-
imum input voltage available.
Figure 11. Inductor ripple current vs. Vout
∆V
OU T
∆i
OU T
2
L
⋅
2C
OU T
V
IN m in
D
MA X
V
OU T
–
⋅
()
⋅⋅
-------------------------------------------------------------------------------------------
=
L
V
IN
V
OU T
–
f
SW
∆I
L
⋅
------------------------------
V
OU T
V
IN
--------------
⋅
=
t
a ppli ca tion
L
∆I
⋅
V
IN
V
OU T
–
------------------------------
=
t
removal
L
∆I
⋅
V
OUT
--------------
=
Figure 12 – Inductor ripple current vs. Vout
0
1
2
3
4
5
6
7
8
9
0.5
1 .5
2.5
3 .5
Output V oltage [V ]
L=3
µH,
Vin=12V
L=2
µH,
Vin=12V
L=1.5
µH, Vin=12V
L=2
µH,
Vin=5V
L=1.5
µH,
Vin=5V
L=3
µH, Vin=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com