Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918AD Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6918AD
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918AD Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6918AD Datasheet HTML 15Page - STMicroelectronics L6918AD Datasheet HTML 16Page - STMicroelectronics L6918AD Datasheet HTML 17Page - STMicroelectronics L6918AD Datasheet HTML 18Page - STMicroelectronics L6918AD Datasheet HTML 19Page - STMicroelectronics L6918AD Datasheet HTML 20Page - STMicroelectronics L6918AD Datasheet HTML 21Page - STMicroelectronics L6918AD Datasheet HTML 22Page - STMicroelectronics L6918AD Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
19/35
L6918 L6918A
INPUT CAPACITOR
The input capacitor is designed considering mainly the input rms current that depends on the duty cycle as re-
ported in figure. Considering the four phase topology, the input rms current is highly reduced comparing with
single or dual phase operation.
It can be observed that the input rms value is one half of the dual-phase equivalent input current in the worst-
case condition that happens for D=1/8, 3/8,5/8 and 7/8.
The power dissipated by the input capacitance is then equal to:
Input capacitor is designed in order to sustain the ripple relative to the maximum load duty cycle. To reach the
high rms value needed by the CPU power supply application and also to minimize components cost, the input
capacitance is realized by more than one physical capacitor. The equivalent rms current is simply the sum of
the single capacitor's rms current.
Figure 10. Input rms Current vs. Duty Cycle.
OUTPUT CAPACITOR
Since the microprocessors require a current variation beyond 100A doing load transients, with a slope in the
range of tenth A/
µs, the output capacitor is a basic component for the fast response of the power supply.
Dual phase topology reduces the amount of output capacitance needed because of faster load transient re-
sponse (switching frequency is doubled at the load connections). Current ripple cancellation due to the 180°
phase shift between the two phases also reduces requirements on the output ESR to sustain a specified voltage
ripple.
When a load transient is applied to the converter's output, for first few microseconds the current to the load is
supplied by the output capacitors. The controller recognizes immediately the load transient and increases the
duty cycle, but the current slope is limited by the inductor value.
The output voltage has a first drop due to the current variation inside the capacitor (neglecting the effect of the
ESL):
P
RM S
ESR
I
RMS
()
2
⋅
=
0.50
0.75
0.25
0.50
0.25
Single Phase
Dual Phase
Duty Cycle (V OUT/VIN)
4 Phase
∆V
OU T
∆I
OU T
ESR
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com