Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918AD Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6918AD
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918AD Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6918AD Datasheet HTML 23Page - STMicroelectronics L6918AD Datasheet HTML 24Page - STMicroelectronics L6918AD Datasheet HTML 25Page - STMicroelectronics L6918AD Datasheet HTML 26Page - STMicroelectronics L6918AD Datasheet HTML 27Page - STMicroelectronics L6918AD Datasheet HTML 28Page - STMicroelectronics L6918AD Datasheet HTML 29Page - STMicroelectronics L6918AD Datasheet HTML 30Page - STMicroelectronics L6918AD Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
27/35
L6918 L6918A
Figure 18. PCB layout connections for sense nets.
Interconnections between devices.
Master and Slave devices share reference and other signals for the regulation. To avoid noise injection into de-
vices, it is recommended to route these nets carefully.
– VPROG_IN / VPROG_OUT: This is the reference for the regulation. It must be routed far away from
any noisy trace and guarded by ground traces in order to avoid noise injection into the device. It can
be filtered with a 30nF maximum of distributed capacitance vs. signal ground.
– SLAVE_OK: This signal is used by the devices for the start-up synchronization and also to commu-
nicate UVP from Slave to Master device. It must be filtered by 1nF capacitor near the pin of each de-
vice to avoid the noise to cause false protection's trigger.
Demo Board Description
The L6918 demo board shows the operation of the device in a four phases application. This evaluation board al-
lows output voltage adjustability (1.100V - 1.850V) through the switches S0-S4 and high output current capability.
The board has been laid out with the possibility to use up to two D2PACK mosfets for the low side switch in order
to give maximum flexibility in the mosfet choice.
The four layers demo board's copper thickness is of 70
µm in order to minimize conduction losses considering
the high current that the circuit is able to deliver.
Demo board schematic circuit is reported in Figure 19.
Several jumpers allow setting different configurations for the device: JP3, JP4 and JP5 allow configuring the
remote buffer as desired. Simply shorting JP4 and JP5 the remote buffer is enabled and it senses the output
voltage on-board; to implement a real remote sense, leave these jumpers open and connect the FBG and FBR
connectors on the demo board to the remote load. To avoid using the remote buffer, simply short all the jumpers
JP3, JP4 and JP5. Local sense through the R7 is used for the regulation.
The input can be configured in different ways using the jumpers JP1, JP2 and JP6; these jumpers control also
the mosfet driver supply voltage. Anyway, power conversion starts from VIN and the device is supplied from VCC
(See Figure 20).
NOT CORRECT
CORRECT
To PHASE
connection
VIA to GND plane
To HS Gate
and Source
To LS Drain
and Source
Wrong (left) and correct (right) connections for the current reading sensing nets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com