Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68127IRAZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL68127IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
ISL68127
FN8748 Rev.2.00
Page 4 of 48
Jul 12, 2019
Functional Pin Descriptions Refer to Table 4 on page 19 for design layout considerations.
PIN NUMBER
PIN NAME
DESCRIPTION
1, 2, 3, 4, 5, 6, 7 PWM[6:0] Pulse-width modulation (PWM) outputs. Connect these pins to the PWM input pins of 3.3V logic-compatible Renesas
smart power stages, driver IC(s), or power stages.
8, 10
GND
Ground pins. Connect directly to a system GND plane.
9, 11, 12, 46,
47, 48
DNC
Do not connect any signals to these pins.
13
EN0
Input pin used as the Output 0 enable control. Active high. Connect to ground if not used.
14
EN1
Input pin used as the Output 1 enable control. Active high. Connect to ground if not used.
15
TWARN
Thermal warning flag. This open-drain output is pulled low without disabling the regulators if the TMON pins sense an
over-temperature event. Maximum pull-up voltage is VCC.
16
PG0
Open-drain, power-good indicators for Output 0. Maximum pull-up voltage is VCC.
17
PG1
Open-drain, power-good indicators for Output 1. Maximum pull-up voltage is VCC.
18
SCL
Serial clock signal pin for the SMBus interface. Maximum pull-up voltage is VCC.
19
SDA
Serial data signal pin for the SMBus interface. Maximum pull-up voltage is VCC.
20
SALRT
Serial alert signal pin for the SMBus interface. Maximum pull-up voltage is VCC.
21
CONFIG
Configuration ID selection pin. See Table 3 on page 16 for more details.
22
VINSEN
Input voltage sense pin. Connect to VIN through a resistor divider (typically 40.2k/10k) with a 10nF decoupling capacitor.
23
VSEN1
Positive differential voltage sense input for Output 1. Connect to a positive remote sensing point. Connect to ground if not
used.
24
RGND1
Negative differential voltage sense input for Output 1. Connect to a negative remote sensing point. Connect to ground if
not used.
25, 27, 29, 31,
33, 35, 37
CSRTN[6:0] The CS and CSRTN pins are current sense inputs to individual phase differential amplifiers. Ground the current sense
input of unused phases. The ISL68127 supports smart power stage, DCR, and resistor sensing. Connection details
depend on the current sense method chosen.
26, 28, 30, 32,
34, 36, 38
CS[6:0]
39
RGND0
Negative differential voltage sense input for Output 0. Connect to a negative remote sensing point. Connect to ground if
not used.
40
VSEN0
Positive differential voltage sense input for for Output 0. Connect to a positive remote sensing point. Connect to ground
if not used.
41
SA
PMBus address selection pin. See Table 2 on page 12 for more details.
42
VCC
Chip primary bias input. Connect this pin directly to a +3.3V supply with a high quality MLCC bypass capacitor.
43
VCCS
Internally generated 1.2V LDO logic supply from VCC. Decouple with a 4.7µF or greater MLCC (X5R or better).
44
TMON0
Input pin for external temperature measurement at Output 0. Supports diode-based temperature sensing and smart
power stage sensing. Refer to “Temperature Compensation” on page 15 for more information.
45
TMON1
Input pin for external temperature measurement at Output 1. Supports diode-based temperature sensing and smart
power stage sensing. Refer to “Temperature Compensation” on page 15 for more information.
EPAD
GND
The package pad serves as the GND return for all chip functions. Connect directly to the system GND plane with multiple
thermal vias.
Driver, DrMOS, and Smart Power Stage Recommendations
PART NUMBER
QUIESCENT CURRENT (mA)
GATE
DRIVE VOLTAGE (V)
NUMBER OF
DRIVERS
COMMENTS
ISL99227
4.85
5
Single
60A, 5x5 smart power stage
ISL99140
0.19
5
Single
40A, 6x6 DrMOS
ISL6596
0.19
5
Single
Connect ISL6596 VCTRL to 3.3V
ISL6617A
5
N/A
N/A
Phase Doubler with 5V PWM output to be compatible with
60A DrMOS or with 60A smart power stage. Supports up to
a 14-phase design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com