Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68127IRAZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL68127IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
FN8748 Rev.2.00
Page 1 of 48
Jul 12, 2019
FN8748
Rev.2.00
Jul 12, 2019
ISL68127
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
DATASHEET
The ISL68127 is a digital dual output, flexible multiphase
(X+Y ≤ 7) PWM controller supporting the latest PMBus V1.3
specifications. The ISL68127can be configured to support any
desired phase assignments up to a maximum of seven phases
across the two outputs (X+Y). For example, 6+1, 5+2, 4+2,
3+3, 3+2, or even a single output operation as a 7+0
configuration are supported. The ISL68127 uses the Renesas
proprietary linear synthetic digital current modulation scheme
to achieve the industry’s best combination of transient
response and ease of tuning while addressing the challenges
of modern multiphase designs.
You can configure the device and monitor telemetry using the
intuitive Renesas PowerNavigator GUI. The ISL68127 device
supports on-chip nonvolatile memory to store various
configuration settings that are user-selectable through
pin-strap, giving system designers increased power density to
configure and deploy multiple configurations. The automatic
phase add/drop feature allows maximum efficiency across all
load ranges. Thresholds for automatic phase add/drop are
user-programmable using PowerNavigator.
The ISL68127 supports a comprehensive fault management
system to enable the design of highly reliable systems. From a
multitiered overcurrent protection scheme to the configurable
power-good and output overvoltage/undervoltage fault
thresholds and temperature monitoring, almost any need is
accommodated.
With minimal external components, easy configuration, robust
fault management, and highly accurate regulation capability,
implementing a high-performance, multiphase regulator has
never been easier.
Applications
• Networking equipment
• Telecom and datacom equipment
• Server and storage equipment
• Point-of-load power supply (Memory, DSP, ASIC, FPGA)
Features
• Advanced linear digital modulation scheme
- Zero latency synthetic current control for excellent HF
current balance
- Dual edge modulation for fastest transient response
• Auto phase add/drop for excellent load vs efficiency profile
• PMBus V1.3 support
- Telemetry: VIN, VOUT, IOUT, power IN/OUT, temperature,
and various fault status registers
- Up to 1MHz bus interface
• Flexible phase configuration
- 7+0, 6+1, 5+2, and 4+3 phase operation
- Operation using fewer than seven phases between two
outputs is also supported
• Diode braking for overshoot reduction
• Differential remote voltage sensing supports ±0.5% closed
loop system accuracy over load, line, and temperature
• Highly accurate current sensing for excellent load line
regulation and accurate OCP
- Supports the ISL99227 60A smart power stage
- Supports DCR sense with integrated temperature
compensation
• Comprehensive fault management enables high reliability
systems
- Pulse-by-pulse phase current limiting
- Total output current protection
- Output and input OV/UV
- Open voltage sense detect
- Black box recording capability for faults
• Intuitive configuration using PowerNavigator
- NVM to store up to eight configurations
• Pb-free (RoHS compliant)
Related Literature
For a full list of related documents, visit our web page:
• ISL68127 product page


Similar Part No. - ISL68127IRAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68127IRAZ RENESAS-ISL68127IRAZ Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
More results

Similar Description - ISL68127IRAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68134 INTERSIL-ISL68134_16 Datasheet
880Kb / 50P
Digital Dual Output, 7-Phase Configurable PWM
September 28, 2016
ISL69137 INTERSIL-ISL69137 Datasheet
88Kb / 2P
Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
September 6, 2016
logo
Renesas Technology Corp
ISL68124 RENESAS-ISL68124 Datasheet
1Mb / 46P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
ISL68144 RENESAS-ISL68144 Datasheet
2Mb / 48P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus for Cavium
ISL68147 RENESAS-ISL68147 Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
ISL69138 RENESAS-ISL69138 Datasheet
242Kb / 2P
Digital, Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
ISL69158 RENESAS-ISL69158 Datasheet
236Kb / 2P
Digital Dual Output, 7-Phase Configurable, VR13/VR13.HC/IMVP8 PWM Controller
ISL69128 RENESAS-ISL69128 Datasheet
180Kb / 2P
Digital Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
Jan 12, 2018
ISL69137 RENESAS-ISL69137 Datasheet
183Kb / 2P
Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
Feb 28, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com