Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68127IRAZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL68127IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
ISL68127
FN8748 Rev.2.00
Page 13 of 48
Jul 12, 2019
Automatic Phase Add and Drop
Automatic phase adding and dropping produces the most
optimal efficiency across a wide range of output loading. The
automatic phase dropping feature is optional. If automatic phase
dropping is enabled, the number of active phases at any time is
determined solely by load current. During operation, the Output 1
Phases drop beginning with the lowest phase number assigned.
Phase dropping begins with the highest assigned phase number.
Figure 8 illustrates the typical characteristic of efficiency vs load
current vs phase count.
Phases are dropped one at a time with a user-programmed drop
delay between drop events. As an example, suppose the delay is
set to 1ms and three phases are active. If the load suddenly
drops to a level needing only one phase, the ISL68127 begins by
dropping a phase after 1ms. The ISL68127 then drops an
additional phase each 1ms until only one phase remains.
FAST PHASE ADD FUNCTION
The fast phase add function provides a very rapid response to
transient load conditions. The ISL68127 continuously monitors
the system regulation error and readies all dropped phases for
use if the system regulation error exceeds the user set threshold.
There is no delay if all phases are needed to support a load
transient. The fast phase add threshold is set in PowerNavigator.
You can also configure the output current threshold for adding
and dropping phases in PowerNavigator.
To ensure dropped phases have sufficient boot capacitor charge
to turn on the high-side MOSFET after a long period of disable, a
boot refresh circuit turns on the low-side MOSFET of each
dropped phase to refresh the boot capacitor. The boot refresh
frequency is programmable in PowerNavigator.
Output Voltage Configuration
Configure the output voltage set points and thresholds for each
output in PowerNavigator. You can configure parameters such as
output voltage, VOUT margin high/low, and VOUT OV/UV fault
thresholds.You can also adjust output voltage and margin
high/low during regulation using the PMBus commands
VOUT_COMMAND, VOUT_MARGIN_HIGH, and
VOUT_MARGIN_LOW for further tuning.
Maintain the following VOUT relationships for correct operation:
VOUT_OV_FAULT_LIMIT > VOUT_COMMAND (VOUT_MARGIN_HIGH
and VOUT_MARGIN_LOW, if used) > VOUT_UV_FAULT_LIMIT.
Additionally, the VOUT commands are bounded by VOUT_MAX
and VOUT_MIN to provide protection against incorrect set points
being sent to the device.
Switching Frequency
The switching frequency is user-configurable over a range of
200kHz to 1MHz.
Current Sensing
The ISL68127 supports DCR, resistor, and smart power stage
current sensing. Connect to the various sense elements using the
CS and CSRTN pins. Current sensing inputs are high impedance
differential inputs to reject noise and ground related
inaccuracies.
To accommodate a wide range of effective sense resistance,
PowerNavigator uses information about the effective sense
resistance and required per phase current capability to properly
configure the current sense circuitry.
INDUCTOR DCR SENSING
DCR sensing takes advantage of the fact that an inductor
winding has a resistive component (DCR) that drops a voltage
proportional to the inductor current. Figure 9 shows that the DCR
is treated as a lumped element with one terminal inaccessible
for measurement.
Fortunately, a simple R-C network as shown in Figure 10 on
page 14 can reproduce the hidden DCR voltage. By matching the
R-C time constant to the L/DCR time constant, you can precisely
recreate the DCR voltage across the capacitor. This means that
VDCR(t) = VC(t), preserving even the high frequency
characteristic of the DCR voltage.
Modern inductors often have such low DCR values that the
resulting signal is <10mV. To avoid noise problems, take care in
the PCB layout to properly place the R-C components and route
the differential lines between the controller and inductor.
Figure 9 shows one PCB design method that places the R
component near the inductor VPHASE and the C component very
close to the IC pins. This minimizes routing of the noisy VPHASE
and maximizes filtering near the IC. Route the lines between the
inductor and IC as a pair on a single layer directly to the
controller. Avoid routing the pair near any switching signals such
FIGURE 8. EFFICIENCY vs PHASE NUMBER
LOAD (A)
I1
I2
I3
I4
I5
0
20
60
80
100
120
140
160
180
40
FIGURE 9. DCR SENSING CONFIGURATION
CSn
CSRTNn
C
R
DCR
L
L
DCR
R
C
VOUT
VPHASE
IC
CURRENT
SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com