Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68127IRAZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL68127IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
ISL68127
FN8748 Rev.2.00
Page 14 of 48
Jul 12, 2019
as Phase and PWM. This is the method used by Renesas on
evaluation board designs.
This method senses the resistance of a metal winding in which
the DCR value increases with temperature. The temperature
must be compensated or the sensed (and reported) current
increases with temperature. To compensate the temperature
effect, the ISL68127 provides temperature sensing options and
an internal methodology to apply the correction.
RESISTIVE SENSING
For more accurate current sensing, a dedicated current sense
resistor, RSENSE, in series with each output inductor can serve as
the current sense element. However, this technique reduces the
overall converter efficiency due to the additional power loss on
the current sense element, RSENSE. A current sensing resistor
has a distributed parasitic inductance, known as Equivalent
Series Inductance (ESL), typically less than 4nH. Consider the
ESL as a separate lumped quantity, as shown in Figure 10
The phase current IL, flowing through the inductor, also passes
through the ESL. Similar to “Inductor DCR Sensing” on page 13, a
simple R-C network across the current sense resistor extracts the
RSENSE voltage. Match the ESL/RSENSE time constant to the R-C
time constant.
Figure 11 shows the sensed waveforms with and without
matching RC when using resistive sense. The PCB layout should
be similar to that described in “Inductor DCR Sensing”.
L/DCR OR ESL/RSEN MATCHING
If the compensator design is correct, Figure 12 shows the
expected load transient response waveforms if L/DCR or
ESL/RSEN is matching the R-C time constant.
When the load current IOUT has a square change, the output
voltage VOUT also has a square response, except for the potential
overshoot at load release. However, there is always some
uncertainty in the true parameter values involved in the time
constant matching and therefore fine-tuning is generally
required.
If the R-C time constant is too large or too small, VC(t) does not
accurately represent real-time IOUT(t) and reduces the transient
response. Figure 13 shows the load transient response when the
R-C timing constant is too small.
In this condition, VOUT sags excessively at load insertion and can
create a system failure or early overcurrent trip. Figure 14 shows
the transient response when the R-C timing constant is too large.
VOUT is sluggish in drooping to its final value. Use these general
guides if fine-tuning is needed.
SPS CURRENT SENSING
SPS current is sensed by sensing each SPS IMON output
individually using VCCS as a common reference. Complete the
following steps to sense SPS current.
1. Connect all SPS IREF input pins and all ISL68127 CSRTNn
input pins together and tie them to VCCS.
2. Connect the SPS IMONn output pins to the corresponding
ISL68127 CSn input pins. The signals should be run as
differential pairs from the SPS back to the ISL68127.
FIGURE 10. SENSE RESISTOR IN SERIES WITH INDUCTOR
CSn
CSRTNn
C
R
RSENSE
ESL
RSENSE
R
C
VOUT
VPHASE
IC
ESL
CURRENT
SENSE
FIGURE 11. VOLTAGE ACROSS R WITH AND WITHOUT R-C
MISMATCHED RC
MATCHED RC
FIGURE 12. DESIRED LOAD TRANSIENT RESPONSE WAVEFORMS
IOUT
VOUT
FIGURE 13. LOAD TRANSIENT RESPONSE WHEN R-C TIME
CONSTANT IS TOO SMALL
IOUT
VOUT
FIGURE 14. LOAD TRANSIENT RESPONSE WHEN R-C TIME
CONSTANT IS TOO LARGE
IOUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com