Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68127IRAZ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL68127IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 23Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 24Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
ISL68127
FN8748 Rev.2.00
Page 21 of 48
Jul 12, 2019
PMBus Protocol
S
Slave Address_0
1
7 + 1
Command Code
1
8
Low Data Byte
High Data Byte
PEC
A
1
8
A
1
8
A
1
8
A
1
A
1
P
S
Slave Address_0
7 + 1
Command Code
1
8
A
1
A
PEC
8
1
A
1
P
Optional 9 bits for SMBus/PMBus
1. Send Byte Protocol
2. Write Byte/Word Protocol
S
Slave Address_0
1
7 + 1
Command Code
1
8
A
1
8
A
1
8
A
1
8
A
1
N
1
P
3. Read Byte/Word Protocol
RS
Slave Address_1
1
7 + 1
Example command: 03h Clear Faults
Example command: 21h VOUT_COMMAND
NOT used in I2C
Optional 9 bits for SMBus/PMBus
NOT used in I2C
Optional 9 bits for SMBus/PMBus
NOT used in I2C
Example command: 8B READ_VOUT (Two words, read voltage of the selected rail).
S: Start Condition
A: Acknowledge (“0”)
N: Not Acknowledge (“1”)
RS: Repeated Start Condition
P: Stop Condition
PEC: Packet Error Checking
R: Read (“1”)
W: Write (“0”)
5. Alert Response Address (ARA, 0001_1001, 25h) for SMBus and PMBus, not used for I2C
S
ALERT Addr_1
1
7 + 1
1
7+1
A
1
A
8
1
A
1
P
Optional 9 bits for SMBus/PMBus
NOT used in I2C
1
A
Data Byte
PEC
8
1
8
1
A
4. Group Command Protocol - No more than one command can be sent to the same Address
S
Slave ADDR2_0
1
7 + 1
1
A
S
Slave ADDR1_0
1
7 + 1
Command Code
1
8
Low Data Byte
High Data Byte
PEC
A
1
8
A
1
8
A
1
8
A
1
A
Low Data Byte
High Data Byte
PEC
8
1
8
A
1
8
A
1
A
1
P
RS
Slave ADDR3_0
1
7 + 1
Optional 9 bits for SMBus/PMBus
1
A
NOT used in I2C
Not used for one byte word read
Not used for one byte word
Slave_Address_1
PEC
Low Data Byte
High Data Byte
PEC
Command Code
8
1
A
Command Code
8
A
(This clears all of the bits in Status Byte for the selected rail)
Acknowledge or DATA from Slave,
ISL68127 Controller
The STOP (P) bit is NOT allowed before the repeated START condition when “reading” contents of a register.
A
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com