Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7200 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L7200
Description  MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7200 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L7200 Datasheet HTML 4Page - STMicroelectronics L7200 Datasheet HTML 5Page - STMicroelectronics L7200 Datasheet HTML 6Page - STMicroelectronics L7200 Datasheet HTML 7Page - STMicroelectronics L7200 Datasheet HTML 8Page - STMicroelectronics L7200 Datasheet HTML 9Page - STMicroelectronics L7200 Datasheet HTML 10Page - STMicroelectronics L7200 Datasheet HTML 11Page - STMicroelectronics L7200 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
L7200
8/23
VICM
INPUT COMMON MODE
RANGE
VCC/4
+/-1.5
V
FODB
UNITY GAIN BANDWIDTH
10
MHz
VCM, POWER STAGE
RDS(ON)
Output On Resistance (Each
Device)
Tj = 25°C
Tj = 125°C
0.25
0.35
Ω
Io
Operating Current
1.3
A
IO(LEAK) Output Leakage Current
Vcc = 14V
1.0
mA
VCM, CURRENT SENSE AMPLIFIER
AV
Voltage Gain
3.88
4
4.12
V/V
VICM
Input Common Mode Range
-0.3
Vcc
+0.3
V
VOCM
Output Common Mode Range
-1mA < Io < 1mA
1.5
4.5
V
VOS
Output Offset Voltage
SENSE_IN(-/+) = Vcc/4
10
mV
F3dB
3dB Bandwidth
3
MHz
CMRR
Input Common Mode Rejection
Ratio
50
dB
PSRR
Power Supply Rejection Ratio
60
dB
VCM RETRACT
Vpark
Retract Voltage
PKV=0 & PKV1=0 & PKV2=0
PKV=1 & PKV1=0 & PKV2=0
PKV=0 & PKV1=1 & PKV2=0
PKV=1 & PKV1=1 & PKV2=0
PKV=0 & PKV1=0 & PKV2=1
PKV=1 & PKV1=0 & PKV2=1
PKV=0 & PKV1=1 & PKV2=1
PKV=1 & PKV1=1 & PKV2=1
0.30
0.60
0.90
1.20
1.50
1.80
2.10
2.40
V
Tretract
Retract Time
limited by the internal
oscillator 200KHz
RT0 = 0 & RT1 = 0
RT0 = 1 & RT1 = 0
RT0 = 0 & RT1 = 1
RT0 = 1 & RT1 = 1
80
160
320
640
ms
SPINDLE, PWM CURRENT SENSE COMPARATOR
TDLY
Delay to Fcom Out
200
500
ns
SPINDLE, POWER STAGE
RDS(ON)
Output On Resistance (each
device)
Tj = 25°C
Tj = 125°C
0.25
0.35
Ω
Io
Start-up Current
2A
IO(LEAK) Output Leakage Current
VCC = 14V
1.0
mA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTCS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com