Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7200 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L7200
Description  MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7200 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L7200 Datasheet HTML 15Page - STMicroelectronics L7200 Datasheet HTML 16Page - STMicroelectronics L7200 Datasheet HTML 17Page - STMicroelectronics L7200 Datasheet HTML 18Page - STMicroelectronics L7200 Datasheet HTML 19Page - STMicroelectronics L7200 Datasheet HTML 20Page - STMicroelectronics L7200 Datasheet HTML 21Page - STMicroelectronics L7200 Datasheet HTML 22Page - STMicroelectronics L7200 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21/23
L7200
APPLICATION CIRCUIT
VCC
12V
12V
5V
5V
VCC
5V
12V
VCM_A+
VCM_A-
CTAP
OUT_C
OUT_B
OUT_A
SENSOR IN
SENSOR OUT
0.3ohm / 1W
1W
0.25ohm
1N4148
1uF
2.2uF
100K
330pF
33nF
10K
1nF
21.5K
10uF
10uF
1N4148
10K
47nF
62K
60K
+
Tantalum
22uF/25V
10uF
TQFP64
"MOZART"
25
1
2
47
48
40
6
41
42
43
7
31
15
19
18
17
37
38
39
32
12
28
27
45
46
30
29
4
3
34
33
10
AVCC
VCC
VCC
VCC
VCC
DGND
SYSCLK
SDEN
SDATA
SCLK
FCOM
PORB
SSOUT
SSIN
SSBUFOUT
SSFIN
SENSE_OUT
ERROR_OUT
ERROR_IN
DAC_OUT
GAINRES
VREG2.5_IN
VREG2.5_DRV
VPS
VPS
VREG3.3_IN
VREG3.3_DRV
VPS
VPS
VREG8_IN
VREG8_DRV
ISENSE
PNP
PNP
PNP
12K
FCOM
SDEN
SCLK
PORB
SYSCLK
SDATA
Analog Ground
Power Ground
VCM Ground
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com