Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7200 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L7200
Description  MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7200 Datasheet(HTML) 2 Page - STMicroelectronics

  L7200 Datasheet HTML 1Page - STMicroelectronics L7200 Datasheet HTML 2Page - STMicroelectronics L7200 Datasheet HTML 3Page - STMicroelectronics L7200 Datasheet HTML 4Page - STMicroelectronics L7200 Datasheet HTML 5Page - STMicroelectronics L7200 Datasheet HTML 6Page - STMicroelectronics L7200 Datasheet HTML 7Page - STMicroelectronics L7200 Datasheet HTML 8Page - STMicroelectronics L7200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
L7200
2/23
Power On Reset (POR) circuitry is included. Upon detection of a low voltage condition, POR is asserted, the
internal registers are reset, and spindle power circuitry is tri-stated. The BEMF is rectified providing power for
actuator retraction followed by dynamic spindle braking. Three Linear regulators and a Shock Sensor circuitry
are also integrated.
The device is built in BCD mixed signal technology allowing dense digital/analog circuitry to be combined with
a high power DMOS output stage.
BLOCK DIAGRAM
CHARGE
PUMP
SUPPLY
FAULT
MONITORS
REFERENCE
VOLTAGE VCC/4
& GAIN SWITCH
14 BIT
VCM DAC
A=4
SUPPLY
OUT_A
OUT_B
RSENSE
OUT_C
VCM_A+
VCC
VCM_A-
SENSE_IN-
SENSE_IN+
VCM_GND
CTAP
PUMP
SDATA
SCLK
SDEN
TR_12V
TR_5V
ISENSE
TR_3.3V
8V
Regulator
2.5V
Regulator
3.3V
Regulator
VREG8_DRV
VREG3.3_IN
VREG2.5_IN
VREG8_IN
SHOCK
DETECTOR
SPINDLE
Architecture
FLL &
DIGITAL
FILTER
BIPOLAR /
TRIPHASE
BEMF
DETECTION
VCM
PSM/LIN
BEMF
RECTIFICATION
VCM
CALIBRATION
THERMAL
INDUCTIVE
SENSE
START-UP
RE-SYNC
PWM C
ISOFET
PWM B
PWM A
VCC
SERIAL
PORT
REGISTERS
DYNAMIC/
REVERSE
BRAKE
RAMP LOADING
DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com