Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7200 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L7200
Description  MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7200 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L7200 Datasheet HTML 7Page - STMicroelectronics L7200 Datasheet HTML 8Page - STMicroelectronics L7200 Datasheet HTML 9Page - STMicroelectronics L7200 Datasheet HTML 10Page - STMicroelectronics L7200 Datasheet HTML 11Page - STMicroelectronics L7200 Datasheet HTML 12Page - STMicroelectronics L7200 Datasheet HTML 13Page - STMicroelectronics L7200 Datasheet HTML 14Page - STMicroelectronics L7200 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
L7200
latched after the 16th SCLK pulse. If less than 16 clock pulses are provided before SDEN goes low, the data
transfer is aborted.
All transfers are shifted into the serial port LSB first. The first byte of the transfer is for Address and Instruction
information. The first bit is R/W instruction bit, 0 is for WRITE and 1 is for READ. Following 3 bits are for
Combo Data Bank (all set to ‘1’). The last 4 bits are for Register Address.
Figure 2. Serial Port Data Transfer Format
INTERNAL REGISTERS DEFINITION
Reg:
0
Name:
Spindle Spin-Up Register
Type:
Write only
Address: 0Eh
BIT
LABEL
DESCRIPTION
0
START
“0” Reset and Brakes the Spindle. “1” Initiates the Spindle Start-Up
procedure.
1
EXTERNAL
“0” Spindle BEMF processing in internal mode. “1” External mode.
2
SEQINC
In external mode, a “0” to ”1” transition, increments the Spindle
Sequencer.
3
STOP
“0” Complete Internal Spindle Start-Up. “1” Stop after Inductive Sense
4
INDSENSE
“0” Normal condition. “1” in External mode, initiate the Inductive
Sense
5
SPCOAST
“0” Spindle Outputs Enabled. “1” Disabled.
6
SPINUPTIME 0
Spindle Internal Spin Up.
Bit 7
Bit 6
Time
Energization Time. First Bit.
0
0
10mS
7
SPINUPTIME 1
Spindle Internal Spin Up.
0
1
20mS
Energization Time. Second Bit.
1
0
30mS
1
1
40mS
SCLK
SDATA
SDEN
INSTRUCTION (READ/WRITE), 1BIT
ADDRESS, 4 BITS
ADDRESS, COMBO DATA BANK, 3 BITS
DATA, 8 BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com