Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7200 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L7200
Description  MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7200 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L7200 Datasheet HTML 9Page - STMicroelectronics L7200 Datasheet HTML 10Page - STMicroelectronics L7200 Datasheet HTML 11Page - STMicroelectronics L7200 Datasheet HTML 12Page - STMicroelectronics L7200 Datasheet HTML 13Page - STMicroelectronics L7200 Datasheet HTML 14Page - STMicroelectronics L7200 Datasheet HTML 15Page - STMicroelectronics L7200 Datasheet HTML 16Page - STMicroelectronics L7200 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
L7200
BIT
LABEL
DESCRIPTION
4
INDEX
External FLL update.
5
EXTK
“0” Spindle Speed internal KFLL. “1” All Reg#7 and Lsb of Reg#8 bits are
mixed to allow external setting of KFLL.
6
MECH/ELEC
Electrical or Mechanical cycle for Spindle FLL control.
“0” Mechanical. “1” Electrical.
7
8_12POLE
Spindle Motor Poles. “0” 8 poles. “1” 12 poles.
Reg:
3
Name:
Spindle Set-Up 2 Register
Type:
Write only
Address: 3Eh
BIT
LABEL
DESCRIPTION
0
ZCWINDOW
Chop cycle for Spindle ZC tristate time. “0” Two. “1” One.
1
REVBRAKE
“1” Spindle Reverse Brake. Toggling this bit will define the time before
ending over normal brake. 1 = 10mS. 2 = 20mS. 3 = 40mS.
2
CLKDIV
SYSCLK divider. “0” SYSCLK. “1” SYSCLK divide by 2.
3
DIV1.5
SYSCLK divider. “0” SYSCLK. “1” SYSCLK divide by 1.5.
4
FLLCOARSE<0>
LSB of Spindle FLL Coarse Counter.
5
FLLCOARSE<1>
Bit 1 of Spindle FLL Coarse Counter.
6
FLLCOARSE<2>
Bit 2 of Spindle FLL Coarse Counter.
7
FLLCOARSE<3>
Bit 3 of Spindle FLL Coarse Counter.
Reg:
4
Name:
Spindle FLL Coarse Register
Type:
Write only
Address: 4Eh
BIT
LABEL
DESCRIPTION
0
FLLCOARSE<4>
Bit 4 of Spindle FLL Coarse Counter.
1
FLLCOARSE<5>
Bit 5 of Spindle FLL Coarse Counter.
2
FLLCOARSE<6>
Bit 6 of Spindle FLL Coarse Counter.
3
FLLCOARSE<7>
Bit 7 of Spindle FLL Coarse Counter.
4
FLLCOARSE<8>
Bit 8 of Spindle FLL Coarse Counter.
5
FLLCOARSE<9>
Bit 9 of Spindle FLL Coarse Counter.
INTERNAL REGISTERS DEFINITION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com