Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7441 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC7441
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7441 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC7441 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
27
Pinout Listings
LVRAM
B10
—
—
12, 20, 22
NC (no connect)
A6, A14, A15, B14, B15, C14, C15, C16, C17, C18, C19, D14, D15, D16,
D17, D18, D19, E14, E15, F14, F15, G14, G15, H15, H16, J15, J16, J17,
J18, J19, K15, K16, K17, K18, K19, L15, L16, L17, L18, L19
——
11
LSSD_MODE
E8
Low
Input
6, 12
MCP
C9
Low
Input
OVDD
B4, C2, C12, D5, F2, H3, J5, K2, L5, M3, N6, P2, P8, P11, R4, R13, R16,
T6, T9, U2, U12, U16, V4, V7, V10, V14
——
OVDD_SENSE
E18, G18
—
—
16
PLL_CFG[0:4]
B8, C8, C7, D7, A7
High
Input
PLL_CFG[5]
D10
High
Input
9, 20
PMON_IN
D9
Low
Input
13
PMON_OUT
A9
Low
Output
QACK
G5
Low
Input
QREQ
P4
Low
Output
SHD[0:1]
E4, H5
Low
I/O
3
SMI
F9
Low
Input
SRESET
A2
Low
Input
SYSCLK
A10
—
Input
TA
K6
Low
Input
TBEN
E1
High
Input
TBST
F11
Low
Output
TCK
C6
High
Input
TDI
B9
High
Input
6
TDO
A4
High
Output
TEA
L1
Low
Input
TEMP_ANODE
N18
—
—
17
TEMP_CATHODE
N19
—
—
17
TMS
F1
High
Input
6
TRST
A5
Low
Input
6, 14
TS
L4
Low
I/O
3
TSIZ[0:2]
G6, F7, E7
High
Output
TT[0:4]
E5, E6, F6, E9, C5
High
I/O
WT
D3
Low
Output
VDD
H8, H10, H12, J7, J9, J11, J13, K8, K10, K12, K14, L7, L9, L11, L13, M8,
M10, M12
——
VDD
A13, A16, A18, B17, B19, C13, E13, E16, F12, F17, F19, G11, G16,
H14, H17, H19, M14, M16, M18, N15, N17, P16, P18
——
15
Table 11. Pinout Listing for the MPC7448, 360 HCTE Package (continued)
Signal Name
Pin Number
Active
I/O
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com