Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7441 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC7441
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7441 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC7441 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
36
Freescale Semiconductor
System Design Information
100110
11x
1x
733
825
913
1100
1467
000000
11.5x
1x
766
863
955
1150
1533
101110
12x
1x
600
800
900
996
1200
1600
111110
12.5x
1x
625
833
938
1038
1250
1667
010110
13x
1x
650
865
975
1079
1300
111000
13.5x
1x
675
900
1013
1121
1350
110010
14x
1x
700
933
1050
1162
1400
000110
15x
1x
750
1000
1125
1245
1500
110110
16x
1x
800
1066
1200
1328
1600
000010
17x
1x
850
1132
1275
1417
1700
001010
18x
1x
600
900
1200
1350
1500
001110
20x
1x
667
1000
1332
1500
1666
010010
21x
1x
700
1050
1399
1575
011010
24x
1x
800
1200
1600
111010
28x
1x
933
1400
001100
PLL bypass
PLL off, SYSCLK clocks core circuitry directly
111100
PLL off
PLL off, no core clocking occurs
Notes:
1. PLL_CFG[0:5] settings not listed are reserved.
2. The sample bus-to-core frequencies shown are for reference only. Some PLL configurations may select bus, core, or VCO
frequencies which are not useful, not supported, or not tested for by the MPC7448; see Section 5.2.1, “Clock AC
Specifications,” for valid SYSCLK, core, and VCO frequencies.
3. In PLL-bypass mode, the SYSCLK input signal clocks the internal processor directly and the PLL is disabled. However, the
bus interface unit requires a 2x clock to function. Therefore, an additional signal, EXT_QUAL, must be driven at half the
frequency of SYSCLK and offset in phase to meet the required input setup tIVKH and hold time tIXKH (see Table 9). The result
will be that the processor bus frequency will be one-half SYSCLK, while the internal processor is clocked at SYSCLK
frequency. This mode is intended for factory use and emulator tool use only.
Note: The AC timing specifications given in this document do not apply in PLL-bypass mode.
4. In PLL-off mode, no clocking occurs inside the MPC7448 regardless of the SYSCLK input.
5. Applicable when DFS modes are disabled. These multipliers change when operating in a DFS mode. See Section 9.7.5,
“Dynamic Frequency Switching (DFS)” for more information.
6. Bus-to-core multipliers less than 5x require that assertion of AACK be delayed by one or two bus cycles to allow the
processor to generate a response to a snooped transaction. See the MPC7450 RISC Microprocessor Reference Manual for
more information.
Table 12. MPC7448 Microprocessor PLL Configuration Example (continued)
PLL_CFG[0:5]
Example Core and VCO Frequency in MHz
Bus-to-Core
Multiplier 5
Core-to-VCO
Multiplier 5
Bus (SYSCLK) Frequency
33.3
MHz
50
MHz
66.6
MHz
75
MHz
83
MHz
100
MHz
133
MHz
167
MHz
200
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com