Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7441 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC7441
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7441 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC7441 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 60Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
59
Part Numbering and Marking
11.3
Part Marking
Parts are marked as the example shown in Figure 27.
Figure 27. Part Marking for BGA and LGA Device
Table 20. Part Numbers Addressed by MC7448T
xxnnnn Nx Series Hardware Specification Addendum
(Document Order No. MPC7448ECS02AD)
xx
7448
T
xx
nnnn
N
x
Product
Code
Part
Identifier
Specificatio
n Modifier
Package
Processor
Frequency
Application
Modifier
Revision Level
MC
PPC1
7448
T = Extended
Temperature
Device
HX = HCTE BGA
1400
N: 1.15 V ± 50 mV
– 40 to 105
°C
C: 2.1; PVR = 0x8004_0201
D: 2.2; PVR = 0x8004_0202
1267
Revision C only
N: 1.1 V ± 50 mV
– 40 to 105
°C
1267
Revision D only
N: 1.05 V ± 50 mV
– 40 to 105
°C
1000
N: 1.0 V ± 50 mV
– 40 to 105
°C
Notes:
1. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13.
These parts have only preliminary reliability and characterization data. Before pilot production prototypes can be shipped,
written authorization from the customer must be on file in the applicable sales office acknowledging the qualification status
and the fact that product changes may still occur as pilot production prototypes are shipped.
Notes:
YWWLAZ is the assembly traceability code.
AWLYYWW is the test code, where YYWW is the date code (YY = year, WW = work week)
MMMMMM is the M00 (mask) number.
xx7448
xxnnnnNx
AWLYYWW
MMMMMM
YWWLAZ
7448
BGA/LGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com