Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7441 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC7441
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7441 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC7441 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
51
System Design Information
Due to the complexity and variety of system-level boundary conditions for today's microelectronic
equipment, the combined effects of the heat transfer mechanisms (radiation, convection, and conduction)
may vary widely. For these reasons, we recommend using conjugate heat transfer models for the board as
well as system-level designs.
For system thermal modeling, the MPC7448 thermal model is shown in Figure 26. Four volumes represent
this device. Two of the volumes, solder ball-air and substrate, are modeled using the package outline size
of the package. The other two, die and bump-underfill, have the same size as the die. The silicon die should
be modeled 8.0
× 7.3 × 0.86 mm3 with the heat source applied as a uniform source at the bottom of the
volume. The bump and underfill layer is modeled as 8.0
× 7.3 × 0.07 mm3collapsed in the z-direction with
a thermal conductivity of 5.0 W/(m • K) in the z-direction. The substrate volume is 25
× 25 × 1.14 mm3
and has 9.9 W/(m • K) isotropic conductivity in the xy-plane and 2.95 W/(m • K) in the direction of the
z-axis. The solder ball and air layer are modeled with the same horizontal dimensions as the substrate and
is 0.8 mm thick. For the LGA package the solder and air layer is 0.1 mm thick, but the material properties
are the same. It can also be modeled as a collapsed volume using orthotropic material properties:
0.034 W/(m • K) in the xy-plane direction and 11.2 W/(m • K) in the direction of the z-axis.
Figure 26. Recommended Thermal Model of MPC7448
Bump and Underfill
Die
Substrate
Solder and Air
Die
Substrate
Side View of Model (Not to Scale)
Top View of Model (Not to Scale)
x
y
z
Conductivity
Value
Unit
Die (8.0
× 7.3 × 0.86 mm3)
Silicon
Temperature-
dependent
W/(m • K)
Bump and Underfill (8.0
× 7.3 × 0.07 mm3)
kz
5.0
W/(m • K)
Substrate (25
× 25 × 1.14 mm3)
kx
9.9
W/(m • K)
ky
9.9
kz
2.95
Solder Ball and Air (25
× 25 × 0.8 mm3)
kx
0.034
W/(m • K)
ky
0.034
kz
11.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com