Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7441 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC7441
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7441 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC7441 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7441 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
45
System Design Information
Figure 21. JTAG Interface Connection
HRESET
HRESET 6
From Target
Board Sources
HRESET
13
SRESET
SRESET
SRESET
NC
NC
11
VDD_SENSE
6
5 1
15
2 K
Ω
10 K
Ω
10 K
Ω
10 K
Ω
OVDD
OVDD
OVDD
OVDD
CHKSTP_IN
CHKSTP_IN
8
TMS
TDO
TDI
TCK
TMS
TDO
TDI
TCK
9
1
3
4
TRST
7
16
2
10
12
(if any)
14 2
Key
QACK
OVDD
OVDD
10 K
Ω
OVDD
10 K
Ω
OVDD
10 K
Ω
10 K
Ω
QACK
QACK
CHKSTP_OUT
CHKSTP_OUT
3
13
9
5
1
6
10
2
15
11
7
16
12
8
4
KEY
No Pin
COP Connector
Physical Pin Out
10 K
Ω 4
OVDD
1
2 K
Ω 3
0
Ω 5
Notes:
1. RUN/STOP, normally found on pin 5 of the COP header, is not implemented on the MPC7448. Connect
pin 5 of the COP header to OVDD with a 10-KΩ pull-up resistor.
2. Key location; pin 14 is not physically present on the COP header.
3. Component not populated. Populate only if debug tool does not drive QACK.
4. Populate only if debug tool uses an open-drain type output and does not actively negate QACK.
5. If the JTAG interface is implemented, connect HRESET from the target source to TRST from the COP
header though an AND gate to TRST of the part. If the JTAG interface is not implemented, connect
HRESET from the target source to TRST of the part through a 0-
Ω isolation resistor.
6. The COP port and target board should be able to independently assert HRESET and TRST to the
processor in order to fully control the processor as shown above.
TRST 6
10 K
Ω
OVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com