Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 136 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 132Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 133Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 134Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 135Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 136Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 137Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 138Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 139Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
CLK_FREQ[3:0]
High-frequency clock [MHz]
Switching regulator frequency [MHz]
0000
16.0
2.000
0001
17.0
2.125
0010
18.0
2.250
0011
19.0
2.375
0100
20.0
2.500
0101
21.0
2.625
0110
22.0
2.750
0111
23.0
2.875
1000
24.0
3.000
1001 - 1111
Reserved
Reserved
Table 181. Manual frequency tuning
The default operating frequency is set in the OTP registers via the OTP_CLK_FREQ[3:0] bits.
A FREQ_RDY_I interrupt is provided to indicate the frequency has reached the selected target frequency. The
frequency-ready interrupt will assert the INTB pin when the interrupt is not masked.
13.4.1.2 Spread spectrum
The internal oscillator features a selectable frequency spread spectrum with +/-10 % wide-frequency spread to
help manage EMC in the automotive applications. When the frequency spread-spectrum feature is enabled, the
switching regulators are expected to be set in PWM, to take full advantage of the frequency spreading in the
switching node.
Frequency spread spectrum is available only when the device is set to generate the switching frequency from
the internal frequency clock, and it will be disabled when the external clock synchronization is enabled.
The default enable condition of the spread spectrum is set in the OTP registers via the OTP_FSS_EN bit, and
the MCU can enable or disable the spread spectrum during the SYSTEM ON states using the FSS_EN bit.
FSS_EN
Frequency spread spectrum
0
Disabled
1
Enabled
Table 182. Frequency spread spectrum enable bit
When spread spectrum is enabled, the device uses the CLK_FREQ[3:0] bits to select the center frequency for
spread spectrum with the following settings:
CLK_FREQ[3:0]
Center frequency with 10% spread spectrum (MHz)
0000
18.0
0001
18.0
0010
18.0
0011
19.0
0100
20.0
0101
21.0
Table 183. Frequency spread spectrum center frequency selection bits
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
136 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com