Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 133 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 133 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 129Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 130Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 131Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 132Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 133Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 134Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 135Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 136Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 137Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
Because the PF09 does not have control over the DVS transition of the external supply, the MCU must first
request a change on the VLDOxMON set point and then start the voltage transition on the external voltage
supply right after. The system designer must takecommunication delays, as well as voltage slew rates, into
consideration when selecting the masking time for the VLDOxMON.
The LDOx as external voltage monitoring pins can also perform monitoring of larger voltage levels by providing
an external resistive voltage divider to bring the output voltage to a lower input level suitable for the VLDOxMON
inputs.
In order to use the external resistive voltage divider, the VLDOx_RUN[4:0]/VLDOxSTBY[4:0] bits must be set
to the lowest option (0b00000). The external resistive voltage divider must be calculated in such way that the
resulting voltage matches the VREF = 0.5 V.
The formula to calculate the resistor divider is described in Figure 34:
aaa-056076
R1
R2
VREF =
VLDOx_RUN/VLDOx_STBY
R2
R1
= Fixed
= R2 (Vx - VREF)/VREF
Vx
Figure 34. External VLDOxMON resistor divider calculation
When using an external resistive voltage divider, R2 must be selected between 1 kΩ and100 kΩ, and resistor
accuracy should be rated 1 % or better to minimize overall monitoring accuracy fallouts.
When the VLDOxMON is not enabled by default in the Power-up sequence, the monitoring block can be
enabled manually via the LDOx enable bits after the external supply has been enabled and is ready to be
monitored. The LDOxRUN_EN bit is used to enable or disable the voltage monitor in the RUN state, and the
LDOxSTBY_EN bit will control the monitoring block during the Monitored STANDBY states.
LDOx_RUN_EN
VLDOxMON monitoring
0
Disabled
1
Enabled
Table 178. VLDOxMON enable bit
When the VLDOxMON is enabled manually, a programmable blanking time is provided to allow enough time
for the external supply to ramp up and settle before allowing OV and UV monitoring to detect faults. The
OTP_VLDOxMON_TSET[1:0] bit is used to set the settling period after enabling the VLDOxMON block.
OTP_VLDOxMON_TSET[1:0]
VLDOxMON settling time
00
250 µs
01
500 µs
10
1000 µs
11
2500 µs
Table 179. VLDOxMON settling time configuration bits
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
133 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com