Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 131 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 131 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 127Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 128Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 129Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 130Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 131Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 132Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 133Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 134Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 135Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
VMONx_EN
VMONx monitoring
0
Disabled
1
Enabled
Table 173. VMONx enable bit
When the VMONx is enabled manually or in the Power-up sequence, a programmable blanking time is provided
to allow enough time for the external supply to ramp up and settle before allowing OV and UV monitoring to
detect faults. The default blanking timer is set on OTP via the OTP_VMONx_TSET[1:0] bits.
OTP_VMONx_TSET[1:0]
VMONx settling time
00
250 µs
01
500 µs
10
1000 µs
11
2500 µs
Table 174. VMONx settling time configuration bits
13.3.3.2 LDO2 / LDO3 external VMON operation
When the LDO2 or LDO3 is configured as an external voltage monitor (OTP_LDOx_MODE[1:0] = 11) the LDOx
output will not be enabled, and the LDOxOUT pin becomes an input to monitor an external voltage supply. In
this configuration, a weak internal pulldown resistor is enabled in order to detect a random pin disconnection at
the LDOxOUT pin.
The VLDOxMON OV/UV debounce time is set by the global OV_DNBC[1:0] and UV_DBNC[1:0] bits and all
other voltage monitoring functions are controlled by the corresponding LDOx bits as follows:
Bits
VLDOxMON operation
OTP_LDOx_UVTH[2:0]
Set the undervoltage monitoring threshold
OTP_LDOx_OVTH[2:0]
Set the overvoltage monitoring threshold
VLDOx_RUN[4:0]
Set the nominal voltage monitoring level during the RUN state
VLDOx_STBY[4:0]
Set the nominal voltage monitoring level during the Monitoring STANDBY state
Table 175. LDOx control bits in VMON mode
VLDOx_RUN[4:0] VLDOx_STBY[4:0]
VLDOxMON monitoring voltage
00000
External divider VREF = 0.50 V
00001
0.70 V
00010
0.75 V
00011
0.80 V
00100
0.85 V
00101
0.90 V
00110
0.95 V
00111
1.00 V
01000
1.05 V
Table 176. VLDOxMON monitoring voltage configuration bits
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
131 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com