Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 130 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 130 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 126Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 127Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 128Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 129Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 130Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 131Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 132Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 133Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 134Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
VMONx_RUN[4:0] VMONx_STBY[4:0]
VMONx monitoring voltage
11110
1.2500 V
11111
1.2750 V
Table 171. VMONx monitoring voltage configuration bits...continued
In applications where the monitored outputs require dynamic voltage scaling during the system operation, the
MCU must manage the voltage transitions in a safe way at the system level.
In order to manage dynamic transition of the external voltage, the VMONx block provides a programmable
masking timer to prevent OV/UV conditions from happening during the external voltage transition.
When the VMONx voltage selection is changed from one set point to another, the VMONx masks the OV and
UV fault monitoring for a period of time defined by the VMONx_TMASK[1:0] bits. The default value for the
masking timer is set in OTP registers via the OTP_VMONx_TMASK[1:0] bits.
VMONx_TMASK[1:0]
VMONx masking timer
00
500 µs
01
1000 µs
10
2000 µs
11
5000 µs
Table 172. VMONx masking timer configuration bits
Because the PF09 does not have control over the DVS transition of the external supply, the MCU must first
request a change on the VMON set point and then start the voltage transition on the external voltage supply
directly afterwards. The system designer must take communication delays, as well as voltage slew rates, into
consideration when selecting the masking time for the VMONx.
The external voltage monitoring pins can also perform monitoring of larger voltage levels by providing an
external resistor divider to divide the output voltage to a lower input level suitable to the VMONx pin. The
external resistive voltage divider must be calculated in such way that the resulting voltage matches the selected
voltage reference set in the VMONx_RUN[4:0] and VMONx_STBY[4:0] bits.
The formula to calculate the resistor divider is described in Figure 33:
aaa-056076
R1
R2
VREF =
VLDOx_RUN/VLDOx_STBY
R2
R1
= Fixed
= R2 (Vx - VREF)/VREF
Vx
Figure 33. External VMON resistor divider calculation
When using an external resistive voltage divider, no DVS operation is supported on the monitored signal. R2
must be selected between 1 kΩ and100 kΩ and resistor accuracy should be rated 1 % or better to minimize
overall monitoring accuracy fallouts.
When the VMONx is not enabled by default in the Power-up sequence, the monitoring block can be enabled
manually via the VMONx_EN bit after the external supply has been enabled and is ready to be monitored.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
130 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com