Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 159 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 159 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 155Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 156Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 157Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 158Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 159Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 160Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 161Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 162Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 163Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
aaa-056084
FCCU0
EOUT[0]
Reset phase
/self-test
Normal phase
Error phase
FCCU1
EOUT[1]
Input
/high-Z
Output
FCCU bi-stable protocol
Config phase
Figure 43. FCCU bistable protocol
During bistable operation, the FCCU0_POL bit will set the polarity to detect a fault condition.
FCCU0_POL
FCCU0 pin
FCCU1 pin
Fault status
0
Low
Low
Fault
0
Low
High
Fault
0
High
Low
OK
0
High
High
Fault
1
Low
Low
Fault
1
Low
High
OK
1
High
Low
Fault
1
High
High
Fault
Table 209. Fault detection in bistable mode
The selection of the pullup /down resistor is done automatically based on the FCCU0 polarity bit, to allow a fault
detection upon a pin disconnection.
OTP_FCCU0_MODE
FCCU0_RPULL_EN
FCCU0_POL
Internal pull resistor
11
0
X
FCCUx tri-stated
11
1
0
FCCU0 = pulldown, FCCU1 = pullup
11
1
1
FCCU0 = pullup, FCCU1 = pulldown
Table 210. Pull resistor configuration in bistable mode
14.7.2 Hybrid bistable mode
When OTP_FCCU0_MODE[1:0] = 11 and OTP_FCCU1_MODE[1:0] = 11, the FCCU interface will be set to
hybrid bistable mode. The Hybrid bistable mode is provided to address a specific use case with the NXP i.MX9x
family of microcontrollers supporting the FCCU interface.
The i.MX9x FCCU interface is always disabled after a reset condition. In this scenario, the FCCU_ERR0
(connected to FCCU0) will be tri-stated and the WDOG_ANY (connected to FCCU1) will be reporting fault
conditions with an edge transition to request a PMIC reset if the MCU detects an internal issue during boot-up.
During the booting sequence, the MCU will be in charge of keeping the system in a safe state until it can
perform system configuration and enable the FCCU interface to start reporting safety-related failures to the
PMIC.
When the MCU is ready to enable the FCCU operation, it must request a transition to the full bistable FCCU
mode on the PMIC first, in order to avoid a random transition causing a reset condition on the XRESET input
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
159 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com