Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 161 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 161 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 157Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 158Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 159Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 160Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 161Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 162Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 163Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 164Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 165Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
3. Device goes through a Power-up sequence due to a Turn-off event or a hard reset: When the PF09
goes through a turn-off cycle due to a power off or hard reset, the turn-off FCCU interface will be reset to the
default XRESET operation (FCC0 ignored, FCCU1 = XRESET input) and the MCU must request the transition
to full bistable mode via the SYS_CMD[7:0] bits once it has performed its corresponding booting sequence.
14.7.3 Single-ended FCCU-level monitoring
When the FCCUx is set in level monitoring mode (OTP_FCCUx_MODE[1:0] = 01), each FCCUx input pin can
be used to monitor an independent single-ended error signal.
The FCCUx_POL bit is used to set the polarity to detect a fault condition on each pin independently.
FCCUx_POL
Fault polarity detection
0
Fault when FCCUx = low
1
Fault when FCCUx = high
Table 211. FCCUx fault detection in single-ended mode
In single-ended level monitoring, the selection of the pullup or pulldown resistor is done based on the pin
polarity, to allow a fault detection upon a pin disconnection.
FCCUx_RPULL_EN
FCCUx_POL
Internal pull resistor
0
X
FCCUx tri-stated
1
0
FCCUx pulldown
1
1
FCCUx pullup
Table 212. Pull resistor selection in single-ended level monitoring
14.7.4 Single-ended FCCU PWM monitoring
When the FCCUx is set in PWM monitoring mode (OTP_FCCUx_MODE[1:0] = 10), each FCCUx pin can be
used to monitor an independent single-ended PWM error signal.
aaa-056086
Reset phase
/self-test
FCCU0
EOUT[0]
Normal phase
Too fast
Too slow
Signal HIGH
Error phase
Signal LOW
Bad dutycycle
Input/high-Z
Output
Figure 45. FCCU single-ended PWM operation
In single-ended FCCU PWM error monitoring, the FCCUx input is used to monitor a square waveform error
signal. An FCCU fault condition is reported if the signal on the FCCUx pin observes any of the following
conditions:
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
161 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com