Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 119 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 115Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 116Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 117Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 118Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 119Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 120Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 121Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 122Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
aaa-056072
Safe region
0.65 V
Hi-Z
PFM
[MCU] VDD_SOC
STANDBY STATE + SEQ
[PF5x] VSW
0.8 V
0.8 V
0.8 V
0.8 V
0.65 V
[PF09] VLDO3
[PF5x] PWRON
[PF09] LDO3_EN
STANDBY
VLDO3MON
VLDO3MON
Figure 28. LDOx Bypass mode RUN to STANDBY transition with voltage scaling
13.2.5.4 Electrical characteristics
All parameters are specified at TA = -40 °C to 125 °C, VLDOxIN = 1.8 V to 5.5 V, VIN = UVDET to 5.5 V, VLDOx = 1.0 V, ILDOx =
200 mA, typical external component values unless otherwise noted. Typical values are characterized at VLDOxIN = 5.0 V,
VLDOx = 3.3 V, ILDOx = 200 mA, TA = 25 °C, unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
VLDOxIN
Operating input voltage range
• 0.65 V ≤ VLDOx ≤ 1.3 V
1.8
–
5.5
V
VLDOxIN
Operating input voltage range
• 1.35 V ≤ VLDOx < 3.3 V
2.5
–
5.5
V
VHDR_LDOx
Minimum input headroom
• Valid from 2.5 V ≤ VLDOx < 3.3 V
250
–
–
mV
VACC_LDOx
Output voltage accuracy
• 0.65 V ≤ VLDOx ≤ 1.3 V
-2.5
–
2.5
%
VACC_LDOx
Output voltage accuracy
• 1.35 V ≤ VLDOx < 3.3 V
-2
–
2
%
VLOR_LDOx
Load regulation
–
0.1
0.2
mV/mA
VLIR_LDOx
Line regulation
–
–
20
mV/mA
ILDOx
LDOx nominal current
200
–
–
mA
ILIM_LDOx
Current limit
250
–
450
mA
IQ_LDOx
LDOx quiescent current
–
10
20
µA
Table 154. LDO2/LDO3 electrical characteristics
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
119 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com