Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 122 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 122 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 118Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 119Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 120Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 121Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 122Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 123Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 124Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 125Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
aaa-056073
Regulation
Monitoring
VMON
logic control
Bandgap2
(MON_BG2)
VMON
DVS DAC
SW
controller
Bandgap1
(REG_BG1)
REG
DVS DAC
COMP/
DC gen
OV/UV
THR
OV hyst
VMON
UV hyst
UV_TH
OV_TH
UV Fault
OV Fault
SWxINA
SWxFB
SWxINB
SWxLXA
SWxLXB
Figure 30. SW regulator VMON architecture
aaa-056074
Bandgap1
(REG_BG1)
Regulation
Monitoring
LDOxIN
LDOxOUT
VMON
logic control
Bandgap2
(MON_BG2)
Digital
controller
OV/UV
THR
OV hyst
VMON
LDOxOUT
UV hyst
UV_TH
OV_TH
UV Fault
OV Fault
Figure 31. LDO VMON architecture
The undervoltage (UV) monitoring threshold for the switching regulators (SW1- SW5) is set in the OTP registers
via the OTP_SWx_UVTH[2:0] bits.
OTP_SWx_UVTH[2:0]
UV threshold
000
97.5%
001
97.0%
010
96.5%
011
96.0%
Table 156. SWx UV threshold configuration bits
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
122 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com