Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9230 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9230
Description  SPI CONTROLLED H-BRIDGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9230 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9230 Datasheet HTML 5Page - STMicroelectronics L9230 Datasheet HTML 6Page - STMicroelectronics L9230 Datasheet HTML 7Page - STMicroelectronics L9230 Datasheet HTML 8Page - STMicroelectronics L9230 Datasheet HTML 9Page - STMicroelectronics L9230 Datasheet HTML 10Page - STMicroelectronics L9230 Datasheet HTML 11Page - STMicroelectronics L9230 Datasheet HTML 12Page - STMicroelectronics L9230 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9/25
L9230
-ISCK
Input Current
Pull up current source connected
to VS
20
50
µA
Input SS
(Slave select signal)
VSSL
Low Level
L9230 is selected
1
V
VSSH
High Level
2
V
∆VSS
Hysteresis
0.1
0.4
V
CSS
Input Capacity
10
pF
-ISS
Input Current
Pull up current source connected
to VDD
20
50
µA
Input SI
(SPI data input)
VSIL
Low Level
1
V
VSIH
High Level
2
V
∆VSI
Hysteresis
0.1
0.4
V
CSI
Input Capacity
10
pF
-ISI
Input Current
Pull up current source connected
to VDD
20
50
µA
Output SO
(Tristate output of the L9230 (SPI output); On active reset (DI) output SO is in tristate.)
VSOL
Low Level
ISO = 2mA
0.4
V
VSOH
High Level
ISO = -2mA
VVDD
- 0.75
V
CSO
Capacity
Capacity of the pin in tristate
10
pF
ISO
Leakage Current
In tristate
-10
10
µA
Input DMS
(Supply-Input for the SPI-Inteface and Selection Pin for SPI- or SF-Mode)
Vi
Input Voltage
SPI-Mode
Status-Flag-Mode
3.5
0.8
V
V
Ic
Input Current
SPI-Mode
10
mA
Timing
t cyc
Cycle-Time
(referred to master)
200
ns
t lead
Enable Lead Time
(referred to master)
100
ns
t lag
Enable Lag Time
(referred to master)
150
ns
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com