Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9230 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9230
Description  SPI CONTROLLED H-BRIDGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9230 Datasheet(HTML) 1 Page - STMicroelectronics

  L9230 Datasheet HTML 1Page - STMicroelectronics L9230 Datasheet HTML 2Page - STMicroelectronics L9230 Datasheet HTML 3Page - STMicroelectronics L9230 Datasheet HTML 4Page - STMicroelectronics L9230 Datasheet HTML 5Page - STMicroelectronics L9230 Datasheet HTML 6Page - STMicroelectronics L9230 Datasheet HTML 7Page - STMicroelectronics L9230 Datasheet HTML 8Page - STMicroelectronics L9230 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/25
L9230
March 2003
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
s
OPERATING SUPPLY VOLTAGE 5V TO 28V
s
TYPICAL RDSon = 150 mΩ FOR EACH
OUTPUT TRANSISTOR (AT 25°C)
s
CONTINOUS DC LOAD CURRENT 5A
(Tcase < 100 °C)
s
OUTPUT CURRENT LIMITATION AT TYP. 6A
s
SHORT CIRCUIT SHUT DOWN FOR OUTPUT
CURRENTS OVER 8A
s
LOGIC- INPUTS TTL/CMOS-COMPATIBLE
s
OPERATING-FREQUENCY UP TO 30 kHz
s
OVER TEMPERATURE PROTECTION
s
SHORT CIRCUIT PROTECTION
s
UNDERVOLTAGE DISABLE FUNCTION
s
DIAGNOSTIC BY SPI OR STATUS-FLAG
(CONFIGURABLE)
s
ENABLE AND DISABLE INPUT
s
SO20 POWER PACKAGE
DESCRIPTION
The L9230 is an SPI controlled H-Bridge, designed
for the control of DC and stepper motors in safety crit-
ical applications and under extreme environmental
conditions.
The H-Bridge is protected against over temperature
and short circuits and has an under voltage lockout
for all the supply voltages ”VS” (Main DC power sup-
ply). All malfunctions cause the output stages to go
tristate.
The H-Bridge contains integrated free-wheel diodes.
In case of free-wheeling condition, the lowside tran-
sistor is switched on in parallel of its diode to reduce
the current injected into the substrate.
Switching in parallel is only allowed, if the voltage-
level of the according output-stage is below the
ground-level.In this case it must be ensured, that the
upper transistor is switched off.
PowerSO20
BARE-DIE
ORDERING NUMBERS:
L9230
L9230-DIE1
PRELIMINARY DATA
SPI CONTROLLED H-BRIDGE
BLOCK DIAGRAM
IN1
VS
GND
OUT1
OUT2
IN2
DI
EN
DMS
SF/SCK
SS
SI
SO
LOGIC
UNDERVOLTAGE
VS
INTERNAL 5V
SUPPLY
OVERCURRENT
HIGH-SIDE
OVERCURRENT
LOW-SIDE
GATE CONTROL
1
GATE CONTROL
2
OVER
TEMPERATURE
MAXIMUM
CURRENT
LIMITATION
D01AT470A


Similar Part No. - L9230

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
Low-Cost Ringing SLIC
October 2001
L9215A AGERE-L9215A Datasheet
1Mb / 50P
Short-Loop Sine Wave Ringing SLIC
September 2001
L9216A AGERE-L9216A Datasheet
1Mb / 48P
Short-Loop Ringing SLIC with Ground Start
September 2001
L9217A AGERE-L9217A Datasheet
414Kb / 30P
Low-Cost Line Interface with Reverse Battery and PPM
November 2001
L9218A AGERE-L9218A Datasheet
378Kb / 30P
Low-Cost Line Interface
November 2001
More results

Similar Description - L9230

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9929 STMICROELECTRONICS-L9929 Datasheet
629Kb / 23P
SPI CONTROLLED H-BRIDGE
13-May-2005
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
logo
STMicroelectronics
L9958XP STMICROELECTRONICS-L9958XP Datasheet
463Kb / 38P
Low RDSON SPI controlled H-Bridge
19-Sep-2013
logo
Infineon Technologies A...
IFX9201SG INFINEON-IFX9201SG_15 Datasheet
1Mb / 27P
6 A H-Bridge with SPI
Rev. 1.1, 2015-02-15
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
SPI Programmable H-Bridge
Rev. 1.4, October 2014
TLE9201SG INFINEON-TLE9201SG Datasheet
1Mb / 26P
6 A H-Bridge with SPI
Rev. 1.0, 2014-02-25
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
IFX9202ED INFINEON-IFX9202ED Datasheet
1Mb / 28P
Dual 6 A H-Bridge With SPI
Rev. 1.0 2016-12-01
logo
ON Semiconductor
NCV7535 ONSEMI-NCV7535 Datasheet
305Kb / 21P
SPI Controlled H-bridge and Dual-Half Bridge Pre-Driver
February, 2018 ??Rev. 1
logo
STMicroelectronics
L9958 STMICROELECTRONICS-L9958 Datasheet
766Kb / 38P
Low RDSON SPI controlled H-Bridge
05-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com