Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9230 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9230
Description  SPI CONTROLLED H-BRIDGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9230 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9230 Datasheet HTML 13Page - STMicroelectronics L9230 Datasheet HTML 14Page - STMicroelectronics L9230 Datasheet HTML 15Page - STMicroelectronics L9230 Datasheet HTML 16Page - STMicroelectronics L9230 Datasheet HTML 17Page - STMicroelectronics L9230 Datasheet HTML 18Page - STMicroelectronics L9230 Datasheet HTML 19Page - STMicroelectronics L9230 Datasheet HTML 20Page - STMicroelectronics L9230 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17/25
L9230
Reset of the Diagnostic Register DIA_REG
On the following conditions DIA_REG is reset:
- DI high
- EN low
- With the rising edge of the SS-signal after the SPI-Instruction RD_DIA.
- When the voltage on DMS exceeds the threshold for detecting SPI-Mode.
(after undervoltage condition)
- Undervoltage on VS (< 5,0V) sets Bit 0 .... Bit 3 of DIA_REG to 0000.
- If UB rises over about the undervoltage level, the Bits of DIA_REG are restored
(when VS internal or DMS > 3,5V)
Verification byte:
MSB
76
543210
Z
Z
10101
TRANS_F
Bit
Name
Description
0
TRANS_F
Bit = 1: error detected during previous transfer
Bit = 0: previous transfer was recognised as valid
1
Fixed to High
2
Fixed to Low
3
Fixed to High
4
Fixed to Low
5
Fixed to High
6
send as high impedance
7
send as high impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com