Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9230 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9230
Description  SPI CONTROLLED H-BRIDGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9230 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9230 Datasheet HTML 12Page - STMicroelectronics L9230 Datasheet HTML 13Page - STMicroelectronics L9230 Datasheet HTML 14Page - STMicroelectronics L9230 Datasheet HTML 15Page - STMicroelectronics L9230 Datasheet HTML 16Page - STMicroelectronics L9230 Datasheet HTML 17Page - STMicroelectronics L9230 Datasheet HTML 18Page - STMicroelectronics L9230 Datasheet HTML 19Page - STMicroelectronics L9230 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
L9230
16/25
SPI Communication
Figure 9. Reading access / 8 bit
SPI Instruction
The uppermost 2 bit of the instruction byte contains the chipadress. The individual chipadress is a mask-option
and must be defined in accordance to the SPI-Members sharing on SS line.
SPI Instruction-Format
SPI Instruction-Bytes
MSB
76
543210
0
0
INSTR4
INSTR3
INSTR2
INSTR1
INSR0
INSW
Bit
Name
Description
7,6
CPAD1,0
Chip Adress (has to be ‘0’, ‘0’)
5-1
INSTR (4-0)
SPI instruction (encoding)
0
INSW
Don‘t care
SPI Instruction
Encoding
Description
bit 7,6
CPAD1,0
bit 5,4,3,2,1
INSTR(4...0)
Bit 0
RD_IDENT
00
00000
0
read identifier
RD_VERSION
00
00001
1
read version
RD_DIA
00
00100
1
read DIA_REG
all others
no function
SPI INSTRUCTION
MSB
XXXX XXXX
SS
SI
VERIFICATION BYTE
MSB
DATA/8 BIT
MSB
SO
D01AT480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com