Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9230 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9230
Description  SPI CONTROLLED H-BRIDGE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9230 Datasheet(HTML) 4 Page - STMicroelectronics

  L9230 Datasheet HTML 1Page - STMicroelectronics L9230 Datasheet HTML 2Page - STMicroelectronics L9230 Datasheet HTML 3Page - STMicroelectronics L9230 Datasheet HTML 4Page - STMicroelectronics L9230 Datasheet HTML 5Page - STMicroelectronics L9230 Datasheet HTML 6Page - STMicroelectronics L9230 Datasheet HTML 7Page - STMicroelectronics L9230 Datasheet HTML 8Page - STMicroelectronics L9230 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
L9230
4/25
Logic inputs
VI
Logic Input Voltage
IN1, IN2, DI, EN
1
1.5
2
V
II
Logic Input Current
IN1, IN2, DI
VI ≤ 1V
-200
-125
µA
IEN
Input Current EN
VIEN ≥ 2V
75
100
µA
tdt
Detection Time EN, DI
3
4
µs
Power Outputs (OUT1, OUT2)
RS
Switch on Resistance LS
ROUT-Vs, VS > 5 V
150
250
m
Switch on Resistance HS
ROUT-GND, VS > 5 V
150
250
m
Current Limitation
Peak value controlled
inductive load L = 0,8 to 5 mH
resistive load R = 0,8 to 1.8
|IOU|max
|IOU|max
Switch-off Current
-40 °C < Tj < 165 °C
Tj < 175 °C
5.5
6
2.5
7.7
A
A
ta
Switch-off time (2)
12
17
22
µs
tb
Blanking time (2)
811.5
15
µs
ta/tb
Tracking (2)
1.4
1.5
1.6
|IOUK|
Short circuit detection current (1)
see figure 1
5.5
11
A
∆|IOUK|
Short Circuit Current Trecking (1)
1600
mA
t
Reactivation time after internal
shut down (2)
Overcurrent- or overtemperature
shut down to reactivation of the
output stage
1ms
IL
Leakage Current
Output stage switched off
1
mA
VFD
Free-wheel diode forward voltage
IO = 3A, VS = 0V
2
V
trr
Free-wheel diode reverse
recovery time (2)
100
ns
VSFHigh
Output„high“ (SF not set) (*)
VS = 5V, RPull_up = 27KΩ
4.1
V
|Iou| max
Switch OFF Current
Tj = -40 to 165°C
6
A
Tj = < 175°C
2.5
A
ISF
Output„high“ (SF not set) (2)
VSF = 5V
20
µA
ISF
Output„low“ (SF set) (3 )
VSF = 1V
300
µA
VSF = 0.5V
100
µA
VSF = 0.8V
500
µA
ELECTRICAL CHARACTERISTCS ( Tj = -40 to +150°C; VS = 5 to 28V) (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com