Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D/KDX Datasheet(PDF) 34 Page - Microchip Technology

Part # LAN8808D/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D/KDX Datasheet(HTML) 34 Page - Microchip Technology

Back Button LAN8808D/KDX Datasheet HTML 30Page - Microchip Technology LAN8808D/KDX Datasheet HTML 31Page - Microchip Technology LAN8808D/KDX Datasheet HTML 32Page - Microchip Technology LAN8808D/KDX Datasheet HTML 33Page - Microchip Technology LAN8808D/KDX Datasheet HTML 34Page - Microchip Technology LAN8808D/KDX Datasheet HTML 35Page - Microchip Technology LAN8808D/KDX Datasheet HTML 36Page - Microchip Technology LAN8808D/KDX Datasheet HTML 37Page - Microchip Technology LAN8808D/KDX Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
LAN8808D
DS00005833C-page 34
© 2026 Microchip Technology Inc. and its subsidiaries
• Master-Slave configuration set to Slave via the Auto Negotiation Master Slave Control Register
Wait 10 ms prior to testing the pairs.
In this scenario, for each of the four twisted pairs, LinkMD should only return Open or Short along with a distance.
• Open with “distance” providing the correct cable length indicates a good cable
• Short or Open with any other distance indicates a bad cable
After running the cable diagnostics, perform another software reset via the Basic Control Register
5.7.2
LINKMD WITH FULLY PASSIVE LINK PARTNER
In this scenario, the remote end of the cable is connected to a Link Partner. The Link Partner must be powered down or
configured to be in the following passive state:
• Auto Negotiation disabled
• Auto MDI/MDI-X disabled
Prior to running the cable diagnostics, perform a software reset via the Basic Control Register. After reset, the following
must be configured:
• Auto Negotiation disabled via the Digital Debug Control 1 Register
• Auto MDI/MDI-X disabled via the Digital Debug Control 1 Register
• Full Duplex set via the Basic Control Register
• Link Speed set to 1000 Mbps via the Basic Control Register
• Master-Slave configuration set to Slave via the Auto Negotiation Master Slave Control Register
Wait 10 ms prior to testing the pairs.
In this scenario, for each of the four twisted pairs, LinkMD will return Open or Short along with a distance, or Normal.
• Normal indicates a good cable which is properly terminated at the Link Partner. Due to no TDR reflections, no
cable distance is available with this result (VCT[7:0] is invalid).
• Open or Short indicates a bad cable or improper Link Partner termination. VCT[7:0] indicates the distance to the
cable fault.
After running the cable diagnostics, perform another software reset via the Basic Control Register.
5.7.3
LINKMD WITH PARTIALLY ACTIVE LINK PARTNER
In this scenario, the remote end of the cable is connected to a Link Partner. The Link Partner is powered up and in the
following state:
• Auto Negotiation may be enabled, disabled or unknown
• Auto MDI/MDI-X is disabled, but we are able to selectively configure MDI or MDI-X, as required for the LinkMD
tests
Prior to running the cable diagnostics, perform a software reset via the Basic Control Register. After reset, the following
must be configured:
• Auto Negotiation disabled via the Digital Debug Control 1 Register
• Auto MDI/MDI-X disabled via the Digital Debug Control 1 Register
• Full Duplex set via the Basic Control Register
• Link Speed set to 1000 Mbps via the Basic Control Register
• Master-Slave configuration set to Slave via the Auto Negotiation Master Slave Control Register
Wait 10 ms prior to testing the pairs.
The LinkMD test is first run with the Link Partner in MDI mode on twisted pairs B, C, and D.
The LinkMD test is then run with the Link Partner in MDI-X mode on twisted pair A.
• Normal indicates a good cable which is properly terminated at the Link Partner. Due to no TDR reflections, no
cable distance is available with this result (VCT[7:0] is invalid).
• Open or Short indicates a bad cable or improper Link Partner termination. VCT[7:0] indicates the distance to the
cable fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com