Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D/KDX Datasheet(PDF) 58 Page - Microchip Technology

Part # LAN8808D/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D/KDX Datasheet(HTML) 58 Page - Microchip Technology

Back Button LAN8808D/KDX Datasheet HTML 54Page - Microchip Technology LAN8808D/KDX Datasheet HTML 55Page - Microchip Technology LAN8808D/KDX Datasheet HTML 56Page - Microchip Technology LAN8808D/KDX Datasheet HTML 57Page - Microchip Technology LAN8808D/KDX Datasheet HTML 58Page - Microchip Technology LAN8808D/KDX Datasheet HTML 59Page - Microchip Technology LAN8808D/KDX Datasheet HTML 60Page - Microchip Technology LAN8808D/KDX Datasheet HTML 61Page - Microchip Technology LAN8808D/KDX Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
LAN8808D
DS00005833C-page 58
© 2026 Microchip Technology Inc. and its subsidiaries
4 ports + QSGMII, 1000BASE-T Slave,
EEE Sleep state
226
212
3.5
810
4 ports + QSGMII, 100BASE-TX,
EEE Sleep state
146
167
5.1
607
4 ports + QSGMII,
Energy Detect Power Down mode, QSGMII up
99
191
0.1
595
4 ports + QSGMII,
Software Power Down mode, QSGMII up
85
29
0.1
173
4 ports + QSGMII,
Software Power Down mode, QSGMII down
28
13
0.1
67
4 ports + QSGMII,
hardware reset
16
210
0.2
542
TABLE 6-3:
TYPICAL FOUR PORT (1.21V, 2.5V, 1.8V) POWER CONSUMPTION
Device Conditions
1.21V
Total (mA)
(Note 6-3)
2.5V VDDAH
Total (mA)
(Note 6-4)
1.8V VDDIO
Total (mA)
(Note 6-5)
Total
Device
Power
(mW)
4 ports + QSGMII, 1000BASE-T Master link-up,
no traffic
757
334
0.2
1750
4 ports + QSGMII, 1000BASE-T Slave link-up,
no traffic
756
333
0.2
1747
4 ports + QSGMII, 100BASE-TX link-up,
no traffic
259
165
0.3
726
4 ports + QSGMII, 10BASE-T link-up,
no traffic
114
158
0.6
532
4 ports + QSGMII, 10BASE-Te link-up,
no traffic
114
162
0.5
543
4 ports + QSGMII, 1000BASE-T Master full-duplex,
100% utilization
779
332
0.4
1773
4 ports + QSGMII, 1000BASE-T Slave full-duplex,
100% utilization
782
332
0.2
1776
4 ports + QSGMII, 100BASE-TX full-duplex,
100% utilization
258
184
0.3
773
4 ports + QSGMII, 10BASE-T full-duplex,
100% utilization
114
210
0.6
662
4 ports + QSGMII, 10BASE-Te full-duplex,
100% utilization
113
234
0.5
723
TABLE 6-2:
TYPICAL FOUR PORT (1.21V, 2.5V, 2.5V) POWER CONSUMPTION (CONTINUED)
Device Conditions
1.21V
Total (mA)
(Note 6-3)
2.5V VDDAH
Total (mA)
(Note 6-4)
2.5V VDDIO
Total (mA)
(Note 6-5)
Total
Device
Power
(mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com