Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D/KDX Datasheet(PDF) 70 Page - Microchip Technology

Part # LAN8808D/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D/KDX Datasheet(HTML) 70 Page - Microchip Technology

Back Button LAN8808D/KDX Datasheet HTML 66Page - Microchip Technology LAN8808D/KDX Datasheet HTML 67Page - Microchip Technology LAN8808D/KDX Datasheet HTML 68Page - Microchip Technology LAN8808D/KDX Datasheet HTML 69Page - Microchip Technology LAN8808D/KDX Datasheet HTML 70Page - Microchip Technology LAN8808D/KDX Datasheet HTML 71Page - Microchip Technology LAN8808D/KDX Datasheet HTML 72Page - Microchip Technology LAN8808D/KDX Datasheet HTML 73Page - Microchip Technology LAN8808D/KDX Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
LAN8808D
DS00005833C-page 70
© 2026 Microchip Technology Inc. and its subsidiaries
6.6.7
GPIO TIMING
This section specifies the general GPIO timing of the device.
Note 6-19
GPIOs must have pulse widths with a minimum of two 125 MHz clocks, but no synchronous timing
relationship is specified. GPIOs configured as alternate functions may have synchronous timing
relationships.
6.6.8
GPIO SOF DETECTION TIMING
This section specifies the GPIO SOF timing of the device.
Note 6-20
8 ns for 1000BASE-T operation, 40 ns for 100BASE-TX operation, 400 ns for 10BASE-T operation.
TABLE 6-16:
GPIO TIMING VALUES
Symbol
Description
Min
Typ
Max
Unit
tinput_pulse
GPIO input pulse width
18
—
—
ns
toutput_pulse
GPIO output pulse width
14
—
—
ns
tinput_su
GPIO input setup/hold timing
N/A, treat as asynchronous (Note 6-19)
toutput_hold
GPIO output valid/hold timing
N/A, treat as asynchronous (Note 6-19)
FIGURE 6-7:
GPIO SOF TIMING
TABLE 6-17:
GPIO SOF TIMING VALUES
Symbol
Description
Min
Typ
Max
Unit
trx_sof_lat
RX SOF latency
1000M
100M
10M
—472
456
7696
—ns
trx_sof
RX SOF pulse width
—
Note 6-20
—ns
trx_sof_skew
RX SOF skew between GPIOs
—
0.5
1
ns
ttx_sof_lat
TX SOF latency
1000M
100M
10M
—59
150
645
—ns
ttx_sof
TX SOF pulse width
—
Note 6-20
—ns
ttx_sof_skew
TX SOF skew between GPIOs
—
0.5
1
ns
trx_sof_lat
GPIOs
RX +/-
trx_sof_skew
GPIOs
TX +/-
ttx_sof_skew
ttx_sof_lat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com