Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D/KDX Datasheet(PDF) 50 Page - Microchip Technology

Part # LAN8808D/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D/KDX Datasheet(HTML) 50 Page - Microchip Technology

Back Button LAN8808D/KDX Datasheet HTML 46Page - Microchip Technology LAN8808D/KDX Datasheet HTML 47Page - Microchip Technology LAN8808D/KDX Datasheet HTML 48Page - Microchip Technology LAN8808D/KDX Datasheet HTML 49Page - Microchip Technology LAN8808D/KDX Datasheet HTML 50Page - Microchip Technology LAN8808D/KDX Datasheet HTML 51Page - Microchip Technology LAN8808D/KDX Datasheet HTML 52Page - Microchip Technology LAN8808D/KDX Datasheet HTML 53Page - Microchip Technology LAN8808D/KDX Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
LAN8808D
DS00005833C-page 50
© 2026 Microchip Technology Inc. and its subsidiaries
TABLE 5-10:
EXTENDED MODE OPERATION
Mode
PORTxLEDy
Definition
Enhanced Mode 0
(Link/Activity)
Inactive
No link
Active
Link any speed, no activity any speed
Blinking
Link any speed, activity any speed
Enhanced Mode 1
(Link1000/Activity)
Inactive
No 1000 Mbps link
Active
1000 Mbps link, no 1000 Mbps activity
Blinking
1000 Mbps link, 1000 Mbps activity
Enhanced Mode 2
(Link100/Activity)
Inactive
No 100 Mbps link
Active
100 Mbps link, no 100 Mbps activity
Blinking
100 Mbps link, 100 Mbps activity
Enhanced Mode 3
(Link10/Activity)
Inactive
No 10 Mbps link
Active
10 Mbps link, no 10 Mbps activity
Blinking
10 Mbps link, 10 Mbps activity
Enhanced Mode 4
(Link100/1000/Activity)
Inactive
No 100/1000 Mbps link
Active
100/1000 Mbps link, no 100/1000 Mbps activity
Blinking
100/1000 Mbps link, 100/1000 Mbps activity
Enhanced Mode 5
(Link10/1000/Activity)
Inactive
No 10/1000 Mbps link
Active
10/1000 Mbps link, no 10/1000 Mbps activity
Blinking
10/1000 Mbps link, 10/1000 Mbps activity
Enhanced Mode 6
(Link10/100/Activity)
Inactive
No 10/100 Mbps link
Active
10/100 Mbps link, no 10/100 Mbps activity
Blinking
10/100 Mbps link, 10/100 Mbps activity
Enhanced Mode 7
N/A
Reserved
Enhanced Mode 8
(Duplex/Collision)
Inactive
Half-Duplex link or no link
Active
Full-Duplex link
Blinking
Half-Duplex link, collisions detected
Enhanced Mode 9
(Collision)
Inactive
No collisions detected
Active
N/A
Blinking
Collisions detected
Enhanced Mode 10
(Activity)
Inactive
No activity
Active
N/A
Blinking
Activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com