Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D/KDX Datasheet(PDF) 77 Page - Microchip Technology

Part # LAN8808D/KDX
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D/KDX Datasheet(HTML) 77 Page - Microchip Technology

Back Button LAN8808D/KDX Datasheet HTML 72Page - Microchip Technology LAN8808D/KDX Datasheet HTML 73Page - Microchip Technology LAN8808D/KDX Datasheet HTML 74Page - Microchip Technology LAN8808D/KDX Datasheet HTML 75Page - Microchip Technology LAN8808D/KDX Datasheet HTML 76Page - Microchip Technology LAN8808D/KDX Datasheet HTML 77Page - Microchip Technology LAN8808D/KDX Datasheet HTML 78Page - Microchip Technology LAN8808D/KDX Datasheet HTML 79Page - Microchip Technology LAN8808D/KDX Datasheet HTML 80Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
LAN8808D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005833C-page 77
Section 6.3.1, "Minimum
Four Port Operation",
Table 6-2, Table 6-6,
Table 6-7
(Tables removed in Rev. C)
Changed voltage value from “1.15V” to “1.16V”
Section 6.7, "Clock Circuit"
Added note
Product Identification Sys-
tem
• Changed Temperature identifier for industrial
parts from “V” to “I”
• Removed “Silicon Revision” information
DS00005833A (03-07-25)
All
Initial release
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com