Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54053_0709 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL54053_0709
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54053_0709 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL54053_0709 Datasheet HTML 1Page - Intersil Corporation ISL54053_0709 Datasheet HTML 2Page - Intersil Corporation ISL54053_0709 Datasheet HTML 3Page - Intersil Corporation ISL54053_0709 Datasheet HTML 4Page - Intersil Corporation ISL54053_0709 Datasheet HTML 5Page - Intersil Corporation ISL54053_0709 Datasheet HTML 6Page - Intersil Corporation ISL54053_0709 Datasheet HTML 7Page - Intersil Corporation ISL54053_0709 Datasheet HTML 8Page - Intersil Corporation ISL54053_0709 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN6460.2
September 25, 2007
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6.5V
Input Voltages
NO, NC, IN (Note 2) . . . . . . . . . . . . . . . . . . . -0.5 to ((V+) + 0.5V)
Output Voltages
COM (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to ((V+) + 0.5V)
Continuous Current NO, NC, or COM . . . . . . . . . . . . . . . . .
±300mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . .
±500mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>6kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>200V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . .>1000V
Operating Conditions
V+ (Positive DC Supply Voltage) . . . . . . . . . . . . . . . . . 1.8V to 5.5V
Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to V+
VIN (Digital Logic Input Voltage (IN). . . . . . . . . . . . . . . . . . 0V to V+
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
6 Ld
μTDFN Package . . . . . . . . . . . . . . . . . . . . . . .
175
Maximum Junction Temperature (Plastic Package). . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
2. Signals on NC, NO, IN, or COM exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current ratings.
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications - 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4), Unless
Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 6)
TYP
MAX
(Notes 5, 6) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON-Resistance, rON
V+ = 4.5V, ICOM = 100mA, VNO or VNC = 0V to V+,
(See Figure 5)
25
-
0.86
-
Ω
Full
-
1
-
Ω
rON Matching Between Channels,
Δr
ON
V+ = 4.5V, ICOM = 100mA, VNO or VNC = 2.5V
25
-
0.004
-
Ω
Full
-
0.004
-
Ω
rON Flatness, rFLAT(ON)
V+ = 4.5V, ICOM = 100mA, VNO or VNC = 0V to V+,
(Note 7)
25
-
0.25
-
Ω
Full
-
0.27
-
Ω
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5.5V, VCOM = 0.3V, 5V, VNO or VNC = 5V, 0.3V
25
-10
5
10
nA
Full
-150
-
150
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 5.5V, VCOM = 0.3V, 5V, or VNO or VNC = 0.3V, 5V,
or floating
25
-20
9
20
nA
Full
-300
-
300
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF
(See Figure 1, Note 8)
25
-
24
-
ns
Full
-
30
-
ns
Turn-OFF Time, tOFF
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF
(See Figure 1, Note 8)
25
-
10
-
ns
Full
-
15
-
ns
Break-Before-Make Time Delay, tD
V+ = 5.5V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF
(See Figure 3, Note 8)
Full
-
10
-
ns
Charge Injection, Q
VG = 0V, RG = 0Ω, CL = 1.0nF (See Figure 2)
25
-
26
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS
(See Figure 4)
25
-
80
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS
(See Figure 6)
25
-
-83
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 0.5VP-P, RL = 600Ω
25
-
0.03
-
%
ISL54053



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com