Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54053_0709 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL54053_0709
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54053_0709 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54053_0709 Datasheet HTML 1Page - Intersil Corporation ISL54053_0709 Datasheet HTML 2Page - Intersil Corporation ISL54053_0709 Datasheet HTML 3Page - Intersil Corporation ISL54053_0709 Datasheet HTML 4Page - Intersil Corporation ISL54053_0709 Datasheet HTML 5Page - Intersil Corporation ISL54053_0709 Datasheet HTML 6Page - Intersil Corporation ISL54053_0709 Datasheet HTML 7Page - Intersil Corporation ISL54053_0709 Datasheet HTML 8Page - Intersil Corporation ISL54053_0709 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN6460.2
September 25, 2007
-3dB Bandwidth
RL = 50Ω
25
-
190
-
MHz
NO or NC OFF Capacitance, COFF V+ = 4.5V, f = 1MHz, VNO or VNC = VCOM = 0V
(See Figure 7)
25
-
16
-
pF
COM ON Capacitance, CCOM(ON)
V+ = 4.5V, f = 1MHz, VNO or VNC = VCOM = 0V
(See Figure 7)
25
-
48
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
1.8
-
5.5
V
Positive Supply Current, I+
V+ = 5.5V, VIN = 0V or V+
25
-
0.075
0.1
μA
Full
-
-
2.5
μA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Voltage High, VINH
Full
2.4
-
-
V
Input Current, IINH, IINL
V+ = 5.5V, VIN = 0V or V+
Full
-0.1
-
0.1
μA
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.6V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Note 4), Unless
Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 6)
TYP
MAX
(Notes 5, 6) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON-Resistance, rON
V+ = 3.0V, ICOM = 100mA, VNO or VNC = 0V to V+,
(See Figure 5)
25
-
1.1
1.2
Ω
Full
-
-
1.5
Ω
rON Matching Between Channels,
Δr
ON
V+ = 3.0V, ICOM = 100mA, VNO or VNC = 1.5V
25
-
0.004
0.14
Ω
Full
-
-
0.14
Ω
rON Flatness, rFLAT(ON)
V+ = 3.0V, ICOM = 100mA, VNO or VNC = 0V to V+,
(Note 7)
25
-
0.33
0.35
Ω
Full
-
-
0.4
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF
(See Figure 1, Note 8)
25
-
29
-
ns
Full
-
35
-
ns
Turn-OFF Time, tOFF
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF
(See Figure 1, Note 8)
25
-
12
-
ns
Full
-
17
-
ns
Break-Before-Make Time Delay, tD
V+ = 3.6V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF
(See Figure 3, Note 8)
Full
-
10
-
ns
Charge Injection, Q
VG = 0V, RG = 0Ω, CL = 1.0nF (See Figure 2)
25
-
32
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS
(See Figure 4)
25
-
80
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS
(See Figure 6)
25
-
-83
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 0.5VP-P, RL = 600Ω
25
-
0.03
-
%
-3dB Bandwidth
RL = 50Ω
25
-
190
-
MHz
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 7)
25
-
16
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 7)
25
-
48
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.5
V
Input Voltage High, VINH
Full
1.4
-
-
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+
Full
-0.1
-
0.1
μA
Electrical Specifications - 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4), Unless
Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 6)
TYP
MAX
(Notes 5, 6) UNITS
ISL54053



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com