Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54053_0709 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL54053_0709
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54053_0709 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL54053_0709 Datasheet HTML 3Page - Intersil Corporation ISL54053_0709 Datasheet HTML 4Page - Intersil Corporation ISL54053_0709 Datasheet HTML 5Page - Intersil Corporation ISL54053_0709 Datasheet HTML 6Page - Intersil Corporation ISL54053_0709 Datasheet HTML 7Page - Intersil Corporation ISL54053_0709 Datasheet HTML 8Page - Intersil Corporation ISL54053_0709 Datasheet HTML 9Page - Intersil Corporation ISL54053_0709 Datasheet HTML 10Page - Intersil Corporation ISL54053_0709 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN6460.2
September 25, 2007
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
57
PROCESS:
Submicron CMOS
FIGURE 17. CROSSTALK AND OFF ISOLATION
FIGURE 18. CHARGE INJECTION vs SWITCH VOLTAGE
Typical Performance Curves TA = +25°C, Unless Otherwise Specified. (Continued)
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-120
-20
-40
-60
-80
-100
ISOLATION
CROSSTALK
V+ = 1.8V to 5.5V
0
-120
-20
-40
-60
-80
-100
0
01
2
3
4
5
-60
-40
-20
0
10
30
40
VCOM (V)
V+ = 3.0V
V+ = 5V
V+ = 1.8V
-50
-30
-10
20
V+ = 3.0V
ISL54053



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com