Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54053_0709 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL54053_0709
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54053_0709 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL54053_0709 Datasheet HTML 3Page - Intersil Corporation ISL54053_0709 Datasheet HTML 4Page - Intersil Corporation ISL54053_0709 Datasheet HTML 5Page - Intersil Corporation ISL54053_0709 Datasheet HTML 6Page - Intersil Corporation ISL54053_0709 Datasheet HTML 7Page - Intersil Corporation ISL54053_0709 Datasheet HTML 8Page - Intersil Corporation ISL54053_0709 Datasheet HTML 9Page - Intersil Corporation ISL54053_0709 Datasheet HTML 10Page - Intersil Corporation ISL54053_0709 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6460.2
September 25, 2007
ISL54053
Ultra Thin Dual Flat No-Lead Plastic Package (UTDFN)
B
D
A
E
0.10 C
2X
PIN 1
TOP VIEW
0.10 C
2X
REFERENCE
DETAIL A
0.10 C
0.08 C
7X
A3
A1
A
C
SEATING
PLANE
5X
L
e
1
3
64
4X
BOTTOM VIEW
SIDE VIEW
0.10 CAB
0.05 C
b6X
NOTE 3
L1
DETAIL A
DETAIL B PIN 1 LEAD
0.1x45°
CHAMFER
DETAIL B
A3
A1
1.40
LAND PATTERN
1.00
0.30
0.35
0.20
0.45
0.40
0.20
10
L6.1.2x1.0A
6 LEAD ULTRA THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.45
0.50
0.55
-
A1
-
-
0.05
-
A3
0.127 REF
-
b
0.15
0.20
0.25
5
D
0.95
1.00
1.05
-
E
1.15
1.20
1.25
-
e
0.40 BSC
-
L
0.30
0.35
0.40
-
L1
0.40
0.45
0.50
-
N
6
2
Ne
3
3
θ
0-
12
4
Rev. 2 8/06
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Ne refers to the number of terminals on E side.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Maximum package warpage is 0.05mm.
8. Maximum allowable burrs is 0.076mm in all directions.
9. JEDEC Reference MO-255.
10. For additional information, to assist with the PCB Land Pattern
Design effort, see Intersil Technical Brief TB389.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com