Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54053_0709 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL54053_0709
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54053_0709 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54053_0709 Datasheet HTML 1Page - Intersil Corporation ISL54053_0709 Datasheet HTML 2Page - Intersil Corporation ISL54053_0709 Datasheet HTML 3Page - Intersil Corporation ISL54053_0709 Datasheet HTML 4Page - Intersil Corporation ISL54053_0709 Datasheet HTML 5Page - Intersil Corporation ISL54053_0709 Datasheet HTML 6Page - Intersil Corporation ISL54053_0709 Datasheet HTML 7Page - Intersil Corporation ISL54053_0709 Datasheet HTML 8Page - Intersil Corporation ISL54053_0709 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN6460.2
ISL54053
Ultra Low ON-Resistance, Low Voltage,
Single Supply, SPDT Analog Switch
The Intersil ISL54053 device is a low ON-resistance, low
voltage, bidirectional, single pole/double throw (SPDT)
analog switch designed to operate from a single +1.8V to
+5.5V supply. Targeted applications include battery powered
equipment which benefit from low rON (0.8Ω) and fast
switching speeds (tON = 24ns, tOFF = 10ns). The digital logic
input is 1.8V logic compatible when using a single +3.0V
supply.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins may be
limited and digital geometries are not well suited to analog
switch performance. This part may be used to “mux-in”
additional functionality while reducing ASIC design risk. The
ISL54053 is offered in the 6 Ld 1.2mmx1.0mmx0.5mm
µTDFN package, alleviating board space limitations.
The ISL54053 is a committed SPDT that consists of one
normally open (NO) and one normally closed (NC) switch.
This configuration can also be used as a 2-to-1 multiplexer.
Features
• Drop In replacement for the NLAS5123
• ON-resistance (rON)
-VCC = +5.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8Ω
-VCC = +3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1Ω
-VCC = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3Ω
•rON matching between channels . . . . . . . . . . . . . . . . 0.004Ω
•rON flatness (+4.5V supply) . . . . . . . . . . . . . . . . . . . . . 0.25Ω
• Single supply operation . . . . . . . . . . . . . . . . . +1.8V to +5.5V
• Fast switching action (+4.5V supply)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10ns
• Guaranteed break-before-make
• ESD HBM rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >6kV
• 1.8V CMOS logic compatible (+3V supply)
• Available in 6 Ld µTDFN package
• Pb-free (RoHS compliant)
Applications
• Battery powered, handheld, and portable equipment
- Cellular/mobile phones
- Pagers
- Laptops, notebooks, palmtops
• Portable test and measurement
• Medical equipment
• Audio and video switching
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
TABLE 1. FEATURES AT A GLANCE
ISL54053
Number of Switches
1
SW
SPDT or 2-1 MUX
1.8V rON
2.3
Ω
1.8V tON/tOFF
68ns/45ns
3V rON
1.1
Ω
3V tON/tOFF
29ns/12ns
5V rON
0.8
Ω
5V tON/tOFF
24ns/10ns
Packages
6 Ld
μTDFN
Ordering Information
PART NUMBER (Note)
PART MARKING TEMP. RANGE (°C)
PACKAGE (Pb-Free)
PKG. DWG. #
ISL54053IRUZ-T*
C
-40 to +85
6 Ld (0.40mm pitch) 1.2x1.0x0.5
μTDFN Tape and Reel L6.1.2x1.0A
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and
NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
September 25, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL54053_0709

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54053IHZ-T INTERSIL-ISL54053IHZ-T Datasheet
445Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053IHZ-T INTERSIL-ISL54053IHZ-T Datasheet
444Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
logo
Renesas Technology Corp
ISL54053IHZ-T RENESAS-ISL54053IHZ-T Datasheet
658Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
445Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
More results

Similar Description - ISL54053_0709

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L220 INTERSIL-ISL43L220 Datasheet
437Kb / 13P
Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
April 12, 2005
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
November 17, 2004
ISL84684 INTERSIL-ISL84684_07 Datasheet
380Kb / 13P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
July 31, 2007
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL84762 INTERSIL-ISL84762 Datasheet
276Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
September 15, 2008
ISL84714 INTERSIL-ISL84714 Datasheet
228Kb / 10P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL84714IH-T INTERSIL-ISL84714IH-T Datasheet
225Kb / 10P
Ultra Low ON-Resistance, Low Voltage,Single Supply, SPDT Analog Switch
January 19, 2009
logo
Renesas Technology Corp
ISL54053 RENESAS-ISL54053 Datasheet
658Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com