Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9637 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9637
Description  ISO 9141 INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9637 Datasheet(HTML) 2 Page - STMicroelectronics

  L9637 Datasheet HTML 1Page - STMicroelectronics L9637 Datasheet HTML 2Page - STMicroelectronics L9637 Datasheet HTML 3Page - STMicroelectronics L9637 Datasheet HTML 4Page - STMicroelectronics L9637 Datasheet HTML 5Page - STMicroelectronics L9637 Datasheet HTML 6Page - STMicroelectronics L9637 Datasheet HTML 7Page - STMicroelectronics L9637 Datasheet HTML 8Page - STMicroelectronics L9637 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS (No damage or latch)
Symbol
Parameter
Value
Unit
VS
Supply Voltage
ISO transients t = 400ms
-24 to +36
-24 to +40
V
V
VCC
Stabilized Voltage
-0.3 to +7
V
∆VS/dt
Supply Voltage transient
-10 to +10
V/
µs
VLI, K
Pin Voltage
-24 to VS
V
VLO, RX, TX
Pin Voltage
-24 to VCC
V
Note: Max. ESD voltages are
±2kV with human body model C = 100pF, R = 1.5k corresponds to maximum energy dissipation 0.2mJ according
to MIL883C.
THERMAL DATA
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJSDon
TJSDoff
Temperature K shutdown switch on threshold
Temperature K shutdown switch off threshold
160
150
200
200
°C
°C
Rth j-amb
Thermal steady state junction to ambient resistance for SO8
Thermal steady state junction to ambient resistance for Minidip
130
80
155
100
180
120
°C/W
°C/W
PIN DESCRIPTION
N.
Name
Fun ction
1
RX
Output for K as input
2
LO
Output L comparator
3
VCC
Stabilized voltage supply
4
TX
Input for K as output
5
GND
Common GND
6
K
Bidirectional I/O
7
VS
Supply voltage
8
LI
Input L comparator
TX
K
LO
GND
LI
VS
VCC
RX
1
2
3
45
6
7
8
U537
PIN CONNECTION (Top view)
L9637
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com