Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9637 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9637
Description  ISO 9141 INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9637 Datasheet(HTML) 4 Page - STMicroelectronics

  L9637 Datasheet HTML 1Page - STMicroelectronics L9637 Datasheet HTML 2Page - STMicroelectronics L9637 Datasheet HTML 3Page - STMicroelectronics L9637 Datasheet HTML 4Page - STMicroelectronics L9637 Datasheet HTML 5Page - STMicroelectronics L9637 Datasheet HTML 6Page - STMicroelectronics L9637 Datasheet HTML 7Page - STMicroelectronics L9637 Datasheet HTML 8Page - STMicroelectronics L9637 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTIC (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
CKi, LO, RX
Internal output capacities
20
pF
fLI-LO
fK-RX
fTX-k
Transmission Frequency
9V < VS < 16V
(external loads)
RKO = 510
Ω,CK ≤ 1.3nF
in active mode see Fig. 3
50
100
kHz
trLI-LO
trK-RX
trTX-K
Rise Time
for the definition of tr, tf see
Fig.1.
9V < VS < 16V (external loads)
RKO = 510
Ω,CK ≤ 1.3nF
26
µs
tfLI-LO
tfK-RX
tfTX-K
Fall Time
26
µs
tOFF,LI-LO
tOFF,K-RX
tOFF,TX-K
Switch OFF time
for the definition of ton, tOFF see
Fig.1.
9V < VS < 16V (external loads)
RKO = 510
Ω,CK ≤ 1.3nF
(inactive mode see Fig. 3)
417
µs
tON,LI-LO
tON,K-RX
tON,TX-K
Switch ON time
417
µs
1) For output currents lower than this value a series protection diode can become active. See also Fig. 4 and 5.
t
V
t f
t
I
V
20%
t r
80%
80%
20%
OUT
t
OFF
t ON
Figure 1: Input to Output Timings and Output Pulse Shape.
L9637
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com