Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9637 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9637
Description  ISO 9141 INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9637 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9637 Datasheet HTML 2Page - STMicroelectronics L9637 Datasheet HTML 3Page - STMicroelectronics L9637 Datasheet HTML 4Page - STMicroelectronics L9637 Datasheet HTML 5Page - STMicroelectronics L9637 Datasheet HTML 6Page - STMicroelectronics L9637 Datasheet HTML 7Page - STMicroelectronics L9637 Datasheet HTML 8Page - STMicroelectronics L9637 Datasheet HTML 9Page - STMicroelectronics L9637 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LI
LO
TX
K
RX
t d t ON
LI - L O
t d
t ON
TX - K
OF F
a c tiv e
a c t iv e
OF F
Figure 3: Typical timing for mode transitions.
Supressing all 4 classes of ”Schaffner” signals all
pins can be load with short energy pulses of max.
±0.2mJ. All these features together with a high
possible baud rate >50Kbaud, controlled output
slopes for low EMI, a wide power supply voltage
range and a very small quiescent current during
OFF (TX LI K=High) condition ISoff typ
≤ 120µA,
and a real standby function with zero power con-
sumption ISSB typ
≤ 1µA during system depower-
ing VCC
≤ 0.5V make this device high efficient for
automotive bus system.
After wake up of the system from OFF or SB
condition the first output signal will have an addi-
tional delay time tdtyp
≤ 5µs see also Fig. 3.
The typical output voltage behaviour for the K,
LO, RX outputs as a function of the output current
is shown in Fig.4. Fig.5 shows a waveform of the
output signal when the low level changes from
RON *IOUT to IOUT *2 * RON +UBE state. This vari-
ation occurs due to too low output current or after
a negative transient forced to the output or to the
supply voltage line.
L9637
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com