Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9637 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9637
Description  ISO 9141 INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9637 Datasheet(HTML) 3 Page - STMicroelectronics

  L9637 Datasheet HTML 1Page - STMicroelectronics L9637 Datasheet HTML 2Page - STMicroelectronics L9637 Datasheet HTML 3Page - STMicroelectronics L9637 Datasheet HTML 4Page - STMicroelectronics L9637 Datasheet HTML 5Page - STMicroelectronics L9637 Datasheet HTML 6Page - STMicroelectronics L9637 Datasheet HTML 7Page - STMicroelectronics L9637 Datasheet HTML 8Page - STMicroelectronics L9637 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS (The electrical characteristics are valid within the below defined op-
erating conditions, unless otherwise specified. The function is guaranteed by design until TJSDon tem-
perature shutdown switch-on-threshold.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
4.5
36
V
VCC
Stabilized Voltage
3
7
V
Tj
Junction temperature
-40
150
°C
ICC
Supply VCC Current
VCC
≤ 5.5V; VLI,VTX = 0V
1.4
2.3
mA
VK
≥ VKhigh; VLI ≥ VLIhigh
VTX = VCC @VCC
≤ 5.5V
-5
<1
5
µA
ISON
Supply VS Current
VS
≤ 16V; VLI, VTX = 0V
1.2
3
mA
ISOFF
VK
≥ VKhigh; VLI ≥ VLIhigh
VTX
≥ VTXhigh @VS ≤ 12V
120
220
µA
ISSB
VCC
≤ 0.5V @ VS ≤ 12V
<1
µA
VKlow
Input Voltage Low state
RX output status LOW
4.5V
≤ VS ≤ 18V
-24
0.45VS
V
RX output status LOW
18V < VS
-24
8
V
VKhigh
Input Voltage High state
RX output status HIGH
4.5V
≤ VS ≤ 18V
0.55VS
VS
V
RX output status HIGH
18V < VS
12
VS
V
VKhys
Input Threshold Hysteresis
VKhigh -VKlow
0.025
VS
0.8
V
IKoff
Input Current
@ VTX
≥ VTXhigh
VK
≤ VS VS,VCC ≥ 0or
VS,VCC = open
-5
4
25
µA
RKON
Output ON Impedance
@ VS
≥ 6.5V
VTX
≤ VTXlow
IK
≥ 7mA
1)
10
30
Ω
IKSC
Short Circuit Current
30
60
100
mA
VTXlow
Input voltage LOW state
-24
1
V
VTXhigh
Input voltage HIGH state
2.5
VCC
V
RRXON
RLOON
Output ON Impedance
VK
≤ VKlow;VLI ≤ VLIlow
VS
≥ 6.5V IRX, LO ≥ 1mA
1)
40
90
Ω
IRXSC
ILOSC
Output Short Circuit Current
9
20
35
mA
VRXH
VLOH
Output Voltage HIGH state
10M
Ω ≤ RLRX
10M
Ω ≤ RLLO
VCC -
0.25
VCC -
0.1
VCC
V
RLO
RRX
Output pull-up resistance
Output status = (HIGH)
-0.15V
≤ VLO ≤ VCC + 0.15V
-0.15V
≤ VRX ≤ VCC + 0.15V
510
20
K
Ω
RTX
Input pull up resistance
-0.15V
≤ VTX ≤ VCC + 0.15V
10
20
40
K
Ω
VLIlow
Input voltage LOW state
LO output status LOW
4.5V
≤ VS ≤ 18V
-24
0.45VS
V
LO output status LOW 18V < VS
-24
8
V
VLhigh
Input voltage HIGH state
LO output status HIGH
4.5V
≤ VS ≤ 18V
0.55VS
VS
V
LO output status HIGH 18V < VS
12
VS
V
VLIhys
Input threshold hysteresis
VLIhigh - VLIlow
0.025VS
0.8
V
ILI
Input current
VLI
≤ VS VS,VCC ≥ 0or
VS,VCC = open
-5
4
25
µA
L9637
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com