Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9637 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9637
Description  ISO 9141 INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9637 Datasheet(HTML) 1 Page - STMicroelectronics

  L9637 Datasheet HTML 1Page - STMicroelectronics L9637 Datasheet HTML 2Page - STMicroelectronics L9637 Datasheet HTML 3Page - STMicroelectronics L9637 Datasheet HTML 4Page - STMicroelectronics L9637 Datasheet HTML 5Page - STMicroelectronics L9637 Datasheet HTML 6Page - STMicroelectronics L9637 Datasheet HTML 7Page - STMicroelectronics L9637 Datasheet HTML 8Page - STMicroelectronics L9637 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
L9637
ISO 9141 INTERFACE
OPERATING POWER SUPPLY VOLTAGE
RANGE 4.5V
≤ VS ≤ 36V (40V FOR TRAN-
SIENTS)
REVERSE
SUPPLY
(BATTERY)
PRO-
TECTED DOWN TO VS
≥ -24V
STANDBY MODE WITH VERY LOW CUR-
RENT CONSUMPTION ISSB 1
µA@ VCC 0.5V
LOW QUIESCENT CURRENT IN OFF CON-
DITION ISOFF = 120
µA
TTL COMPATIBLE TX INPUT
BIDIRECTIONAL K-I/O PIN WITH SUPPLY
VOLTAGE DEPENDENT INPUT THRESHOLD
OVERTEMPERATURE SHUT DOWN FUNC-
TION SELECTIVE TO K-I/O PIN
WIDE
INPUT
AND
OUTPUT
VOLTAGE
RANGE -24V
≤ VK ≤ VS
K OUTPUT CURRENT LIMITATION, TYP IK =
60mA
DEFINED OFF OUTPUT STATUS IN UNDER-
VOLTAGE CONDITION AND VS OR GND IN-
TERRUPTION
CONTROLLED OUTPUT SLOPE FOR LOW
EMI
HIGH INPUT IMPEDANCE FOR OPEN VS OR
GND CONNECTION
DEFINED OUTPUT ON STATUS OF LO OR
RX FOR OPEN LI OR K INPUTS
DEFINED K OUTPUT OFF FOR TX INPUT
OPEN
INTEGRATED PULL UP RESISTORS FOR
TX, RX AND LO
EMI ROBUSTNESS OPTIMIZED
DESCRIPTION
The L9637 is a monolithic integrated circuit con-
taining standard ISO 9141 compatible interface
functions.
December 1998
®
TX
RX
LO
GND
LI
-
+
VS
VCC
K
1, 75 V
-
+
RT X
R L O
RRX
IL I
IK
OF F
-
+
BLOCK DIAGRAM
ORDERING NUMBERS:
L9637D
L9637
SO8
Minidip
1/11


Similar Part No. - L9637

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9637 STMICROELECTRONICS-L9637 Datasheet
205Kb / 15P
Monolithic bus driver with ISO 9141 interface
20-Sep-2013
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
ISO 9141 INTERFACE
Sep-2002
L9637D STMICROELECTRONICS-L9637D Datasheet
179Kb / 15P
Monolithic bus driver with ISO 9141 interface
15-Jun-2009
L9637D STMICROELECTRONICS-L9637D Datasheet
205Kb / 15P
Monolithic bus driver with ISO 9141 interface
20-Sep-2013
L9637D013TR STMICROELECTRONICS-L9637D013TR Datasheet
179Kb / 15P
Monolithic bus driver with ISO 9141 interface
15-Jun-2009
More results

Similar Description - L9637

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
ISO 9141 INTERFACE
Sep-2002
logo
Vishay Siliconix
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
Freescale Semiconductor...
MC33199 FREESCALE-MC33199 Datasheet
324Kb / 18P
Automotive ISO 9141 Serial Link Driver
33290 FREESCALE-33290_08 Datasheet
786Kb / 12P
ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290 Datasheet
248Kb / 8P
ISO K Line Serial Link Interface
logo
STMicroelectronics
E-L9637D STMICROELECTRONICS-E-L9637D Datasheet
179Kb / 15P
Monolithic bus driver with ISO 9141 interface
15-Jun-2009
logo
Freescale Semiconductor...
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
Automotive ISO 9141 Serial Link Driver
MC33660EF FREESCALE-MC33660EF Datasheet
345Kb / 14P
ISO K Line Serial Link Interface
MC33660EFR2 FREESCALE-MC33660EFR2 Datasheet
419Kb / 14P
ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
ISO K Line Serial Link Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com