Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1689S/T Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS1689S/T
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689S/T Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS1689S/T Datasheet HTML 10Page - Dallas Semiconductor DS1689S/T Datasheet HTML 11Page - Dallas Semiconductor DS1689S/T Datasheet HTML 12Page - Dallas Semiconductor DS1689S/T Datasheet HTML 13Page - Dallas Semiconductor DS1689S/T Datasheet HTML 14Page - Dallas Semiconductor DS1689S/T Datasheet HTML 15Page - Dallas Semiconductor DS1689S/T Datasheet HTML 16Page - Dallas Semiconductor DS1689S/T Datasheet HTML 17Page - Dallas Semiconductor DS1689S/T Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
DS1689/DS1693
14 of 36
REGISTER B
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SET
PIE
AIE
UIE
SQWE
DM
24/12
DSE
Bit 7: SET. When the SET bit is 0, the update transfer functions normally by advancing the counts once
per second. When the SET bit is written to 1, any update transfer is inhibited and the program can
initialize the time and calendar bytes without an update occurring in the midst of initializing. Read cycles
can be executed in a similar manner. SET is a read/write bit that is not modified by internal functions of
the DS1689/DS1693.
Bit 6: PIE (Periodic Interrupt Enable). This bit is a read/write bit that allows the periodic interrupt flag
(PF) bit in Register C to drive the
IRQ pin low. When the PIE bit is set to 1, periodic interrupts are
generated by driving the
IRQ pin low at a rate specified by the RS3–RS0 bits of Register A. A 0 in the
PIE bit blocks the
IRQ output from being driven by a periodic interrupt, but the periodic flag (PF) bit is
still set at the periodic rate. PIE is not modified by any internal DS1689/DS1693 functions.
Bit 5: AIE (Alarm Interrupt Enable). This bit is a read/write bit which, when set to 1, permits the alarm
flag (AF) bit in Register C to assert
IRQ. An alarm interrupt occurs for each second that the three time
bytes equal the three alarm bytes, including a don’t care alarm code of binary 11XXXXXX. When the
AIE bit is set to 0, the AF bit does not initiate the
IRQ signal. The internal functions of the
DS1689/DS1693 do not affect the AIE bit.
Bit 4: UIE (Update-Ended Interrupt Enable). This bit is a read/write that enables the update-end flag
(UF) bit in Register C to assert
IRQ. The SET bit going high clears the UIE bit.
Bit 3: SQWE (Square-Wave Enable). When this bit is set to 1, a square-wave signal at the frequency
set by the rate-selection bits RS3–RS0 and the E32K bit is driven out on the SQW pin. When the SQWE
bit is set to 0, the SQW pin is held low. SQWE is a read/write bit.
Bit 2: DM (Data Mode). This bit indicates whether time and calendar information is in binary or BCD
format. The DM bit is set by the program to the appropriate format and can be read as required. This bit is
not modified by internal functions. A 1 in DM signifies binary data while a 0 in DM specifies Binary
Coded Decimal (BCD) data.
Bit 1: 24/12 (24/12 Control Bit). This bit establishes the format of the hours byte. A 1 indicates the 24-
hour mode and a 0 indicates the 12-hour mode. This bit is read/write.
Bit 0: DSE (Daylight Saving Enable). This bit is a read/write bit which enables two special updates
when DSE is set to 1. On the first Sunday in April the time increments from 1:59:59 am to 3:00:00 AM.
On the last Sunday in October when the time first reaches 1:59:59 AM it changes to 1:00:00 AM. These
special updates do not occur when the DSE bit is 0. This bit is not affected by internal functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com